Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP8013 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # SP8013
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP8013 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SP8013 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SP8013
Ver 1.0
www.samhop.com.tw
Jun,13,2014
5
PW - Pulse Width - s
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
0.1
Mounted on FR-4 board of
1 inch
2 , 1oz
Single Pulse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com