Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP8013 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SP8013
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP8013 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SP8013 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP8013 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SP8013
VGS=±20V,VDS=0V
-20
-1
±10
-0.8
8.3
27
190
335
4000
1580
VDD=-10V
ID=-1A
VGS=-10V
RGEN=6ohm
VGS=-4.5V , ID=-8.4A
VDS=-5V , ID=-10A
VDS=-16V , VGS=0V
VGS=0V,ID=-250uA
-1.3
-1.8
11.2
Symbol
Min
Typ
Max
Units
BVDSS
V
IGSS
uA
VGS(th)
V
gFS
S
tD(ON)
ns
tr
ns
tD(OFF)
ns
tf
ns
SWITCHING CHARACTERISTICS
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
mohm
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
ON CHARACTERISTICS
b
82
Qg
nC
Total Gate Charge
VDS=-10V,ID=-10A,VGS=-10V
www.samhop.com.tw
Jun,13,2014
2
6
18
nC
Qgs
nC
Qgd
Gate-Drain Charge
Gate-Source Charge
VDS=-10V,ID=-10A,
VGS=-10V
DRAIN-SOURCE DIODE CHARACTERISTICS
VGS=0V,IS=-1A
-0.83
VSD
Diode Forward Voltage
-1.2
V
VDS=VGS ,ID=-250uA
VDS=-10V,ID=-10A,VGS=-4.5V
38
nC
6.3
VGS=-10V , ID=-10A
7.9
mohm
Ver 1.0
Notes
a.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
b.Guaranteed by design, not subject to production testing.
c.Drain current limited by maximum junction temperature.
d.Mounted on FR4 Board of 1 inch2 ,2oz.
_
_



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com