Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78C18GF Datasheet(PDF) 45 Page - NEC

Part # UPD78C18GF
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18GF Datasheet(HTML) 45 Page - NEC

Back Button UPD78C18GF Datasheet HTML 41Page - NEC UPD78C18GF Datasheet HTML 42Page - NEC UPD78C18GF Datasheet HTML 43Page - NEC UPD78C18GF Datasheet HTML 44Page - NEC UPD78C18GF Datasheet HTML 45Page - NEC UPD78C18GF Datasheet HTML 46Page - NEC UPD78C18GF Datasheet HTML 47Page - NEC UPD78C18GF Datasheet HTML 48Page - NEC UPD78C18GF Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 110 page
background image
45
µPD78C17,78C18
(2)
Synchronous mode
In the synchronous mode, data transfer is performed with 8-bit character length fixed, and with no parity
bit. Therefore, the serial mode register (SML) is set to 0CH (see Fig. 2-26).
Transmission operation is enabled by setting (1) bit 3 (TxE) of the serial mode register (SMH).
If data is written to the transmit buffer by the “MOV TXB, A” instruction and preceding data transfer is
terminated, the contents of the transmit buffer are automatically transferred to the serial register and
converted to serial data, and data starting from LSB are transmitted from TxD at the falling edge of SCK.
The serial data is transferred in the same rate as for SCK.
Data transfer speed in transmission is maximum 500 kbps when an internal clock is used for SCK and
maximum 1 Mbps when an external clock is used (12-MHz operation).
When data is transferred from the transmit buffer to the serial register and the transmit buffer is
empty, the internal interrupt (INTST) is generated.
When TxE is “0” or the serial register has no transmitted data, the TxD pin is in the marking state (1).
Fig. 2-26 Serial Mode Register Format in Synchronous Mode
76543210
0000
1100
SML
Synchronous Operation
Character Length 8-Bit Fixed
Parity Disable
765
43210
0
0
0
SE
RxE
TxE
SK 1
SMH
SCK Selection
External clock
Internal clock (TO output)
Internal clock (
φ384)
Internal clock (
φ24)
Transmission Enable
0
1
Reception Enable
Disable
Enable
SK 2
0
1
Search Mode
Disable
Enable
0
0
1
1
0
1
0
1
Disable
0
Enable
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com