Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CH20-0033-17G-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # CH20-0033-17G-RTR
Description  Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CH20-0033-17G-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  CH20-0033-17G-RTR Datasheet HTML 1Page - Tyco Electronics CH20-0033-17G-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Cost SMT 17 dB Bi-Directional Coupler
1700 - 2000 MHz
CH20-0033-17G
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
V2.00
Parameters
Units
Min.
Typ.
Max.
Insertion Loss
dB
-
0.3
0.5
VSWR
-
-
1.3:1
1.7:1
Coupling
dB
-
17 ±2
-
Coupling Flatness
dB
-
1.2
1.5
Directivity
dB
12
17
-
Typical Electrical Specifications1, T
A = +25°C,
Features
Device is Bi-Directional
Small Size and Low Profile
Industry Standard SOIC-8 SMT Plastic Package
Superior Repeatability
Typical Insertion Loss 0.3 dB
Typical Directivity 17 dB
2 Watt Power Handling
Description
M/A-COM’s CH20-0033-17G is an IC based monolithic
bi-directional coupler in a low cost SOIC-8 plastic
package.
This 17 dB coupler is ideally suited for
applications where power monitoring, small size, low
insertion loss, superior repeatability and low cost are
required.
Typical applications include personal
communication systems and other communication
applications where size and PCB real estate is a
premium. Available in tape and reel.
The CH20-0033-17G is fabricated using a passive-
integrated circuit process. The process features full chip
passivation for increased performance and reliability.
1. All specifications apply with a 50 ohm source and load impedance.
SO-8
0°-8°
.0075-0.0098
(0.19-0.25)
.1890-.1968
(4.80-5.00)
.0099-0.0196
x 45° Chamfer
(0.25-0.50)
.2284-.2440
(5.80-6.20)
PIN 8
Orientation
mark
PIN 1
8- Lead SOP outline dimensions
Narrow body .150
(All dimensions per JEDEC No. MS-012-AA, Issue C)
Dimensions in ( ) are in mm.
.1497-.1574
(3.80-4.00)
- B -
- A -
.050(1.27) BSC.
.013-.020 TYP.
(0.33-0.51)
.0040-.0098
(0.10-0.25)
- C -
.0532-.0688
(1.35-1.75)
.016-.050
(0.40-1.27)
.010(0.25) M B M
.010(0.25) M C A M B S
Unless Otherwise Noted: .xxx = ± 0.010 (.xx = ± 0.25)
.xx = ± 0.02 (.x = ±0.5)
.004 (0.10)
q
q
q
q
q
q
q
Part Number
Description
CH20-0033-17G
SOIC-8 Lead Plastic Package
CH20-0033-17G-TR
Forward Tape and Reel
*
CH20-0033-17G-RTR
Reverse Tape and Reel
*
Ordering Information
* If specific reel size is required, consult factory for part number
assignment.
Preliminary Specifications
The Preliminary Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction.


Similar Part No. - CH20-0033-17G-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0033-17G-RTR MACOM-CH20-0033-17G-RTR Datasheet
231Kb / 2P
Low Cost SMT 17dB Bi-Directional Coupler, 1700-2000 MHz
More results

Similar Description - CH20-0033-17G-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0032-17G MACOM-CH20-0032-17G_1 Datasheet
237Kb / 2P
Low Cost SMT 17dB Bi-Directional Coupler, 824-960 MHz
CH20-0033-17G MACOM-CH20-0033-17G_1 Datasheet
231Kb / 2P
Low Cost SMT 17dB Bi-Directional Coupler, 1700-2000 MHz
MACPCC0001 MACOM-MACPCC0001 Datasheet
204Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0002 MA-COM-MACPCC0002 Datasheet
89Kb / 4P
Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
CH20-0033-17G MA-COM-CH20-0033-17G Datasheet
89Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler
MACPCC0002 MA-COM-MACPCC0002 Datasheet
89Kb / 4P
Low Cost SMT 17dB Bi-Directional Coupler
MACPCC0001 MA-COM-MACPCC0001_15 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler
MACPCC0002 MA-COM-MACPCC0002_15 Datasheet
89Kb / 4P
Low Cost SMT 17dB Bi-Directional Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com