Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CH20-0033-17G-RTR Datasheet(PDF) 2 Page - Tyco Electronics

Part # CH20-0033-17G-RTR
Description  Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CH20-0033-17G-RTR Datasheet(HTML) 2 Page - Tyco Electronics

  CH20-0033-17G-RTR Datasheet HTML 1Page - Tyco Electronics CH20-0033-17G-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Cost SMT 17 dB Bi-directional Coupler
CH20-0033-17G
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
V2.00
5
0
-5
-10
-15
-20
-25
1700
1750
1800
1850
1900
1950
2000
FREQUENCY (MHz)
DIRECTIVITY VS. FREQUENCY
-10
-12
-14
-16
-18
-20
1700
1750
1800
1850
1900
1950
2000
FREQUENCY (MHz)
COUPLING VS. FREQUENCY
Functional Diagram
GND
COUPLED
GND
-17dB
1
4
5
8
GND
GND
RF IN
RF OUT
ISOLATED
0
-0.2
-0.4
-0.6
-0.8
-1
1700
1750
1800
1850
1900
1950
2000
FREQUENCY (MHz)
INSERTION LOSS VS. FREQUENCY
2
1.8
1.6
1.4
1.2
1
1700
1750
1800
1850
1900
1950
2000
FREQUENCY (MHz)
VSWR VS. FREQUENCY
Recommended PCB Configuration
RF OUT
RF IN
COUPLED
ISOLATED
.018 DIA. PLATED
THRU (12X)
.050 DIA. PLATED
THRU (2X)
.081
TYP.
.030
TYP.
.035 TYP.
.244
.072
TYP.
.244
(Dimensions in Inches)
Circuit Material: FR-4, .016 Thick
Note: Pins 2, 3, 6 and 7 must be RF and DC grounded.
Typical Performance @ +25°C
Parameter
Absolute Maximum
Input Power
2W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 1
1. Exceeding these limits may cause permanent damage.
The Preliminary Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com