Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMP2012SN Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2012SN
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2012SN Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2012SN_15 Datasheet HTML 1Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 2Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 3Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 4Page - Diodes Incorporated DMP2012SN_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMP2012SN
Document number: DS30790 Rev. 7 - 2
3 of 5
www.diodes.com
September 2013
© Diodes Incorporated
DMP2012SN
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
-V
, DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
V
= -1.2V
GS
V
= -1.5V
GS
V
= -2.0V
GS
V
= -2.5V
GS
V
= -3.0V
GS
V
= -3.5V
GS
V
= -4.0V
GS
V= -4.5V
GS
V
= -5.0V
GS
V= -10.0V
GS
0.5
1.5
2.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
1.0
2.0
3.0
-V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
V
= -10V
DS
0.05
0.15
0.25
0.35
0.45
0.10
0.20
0.30
0.40
0.50
0
0
5
10
15
20
25
30
-I , DRAIN SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
V
= -2.5V
GS
V
= -10V
GS
V
= -4.5V
GS
0.1
0.2
0.3
0.4
0.5
02
4
6
8
10
12
0
-V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
I= -1.0A
D
I= -1.5A
D
0
0.5
1.0
1.5
2.0
2.5
3.0
-I , DRAIN SOURCE CURRENT (A)
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
D
0.05
0.15
0.25
0.10
0.20
0.30
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
V= -2.5V
GS
0.05
0.15
0.25
0.35
0.45
0
0.5
1.0
1.5
2.0
2.5
3.0
0.10
0.20
0.30
0.40
0.50
0
-I , DRAIN SOURCE CURRENT (A)
Figure 6 Typical On-Resistance vs.
Drain Current and Temperature
D
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
V
= -2.5V
GS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com