Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM4627 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 12Page - Linear Technology LTM4627_15 Datasheet HTML 13Page - Linear Technology LTM4627_15 Datasheet HTML 14Page - Linear Technology LTM4627_15 Datasheet HTML 15Page - Linear Technology LTM4627_15 Datasheet HTML 16Page - Linear Technology LTM4627_15 Datasheet HTML 17Page - Linear Technology LTM4627_15 Datasheet HTML 18Page - Linear Technology LTM4627_15 Datasheet HTML 19Page - Linear Technology LTM4627_15 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTM4627
16
4627fc
For more information www.linear.com/LTM4627
top feedback resistor of the slave regulator in equal slew
rate or coincident tracking, then RTA is equal to RFB with
VFB = VTRACK. Therefore RTB = 60.4k, and RTA = 60.4k in
Figure 4.
In ratiometric tracking, a different slew rate maybe desired
for the slave regulator. RTB can be solved for when SR is
slower than MR. Make sure that the slave supply slew
rate is chosen to be fast enough so that the slave output
voltage will reach its final value before the master output.
For example, MR = 1.5V/ms, and SR = 1.2V/ms. Then RTB
= 75k. Solve for RTA to equal 51.1k.
For applications that do not require tracking or sequenc-
ing, simply tie the TRACK/SS pin to INTVCC to let RUN
control the turn on/off. When the RUN pin is below its
threshold or the VIN undervoltage lockout, then TRACK/
SS is pulled low.
Figure 5. Output Voltage Coincident Tracking
APPLICATIONS INFORMATION
Overcurrent and Overvoltage Protection
The LTM4627 has overcurrent protection (OCP) in a
short circuit. The internal current comparator threshold
folds back during a short to reduce the output current.
An overvoltage condition (OVP) above 10% of the regu-
lated output voltage will force the top MOSFET off and
the bottom MOSFET on until the condition is cleared.
4627 F05
TIME
SLAVE OUTPUT
MASTER OUTPUT
OUTPUT
VOLTAGE
An input electronic circuit breaker or fuse can be sized to
be tripped or cleared when the bottom MOSFET is turned
on to protect against the overvoltage. Foldback current
limiting is disabled during soft-start or tracking start-up.
Run Enable
The RUN pin is used to enable the power module or
sequence the power module. The threshold is 1.25V, and
the pin has an internal 5.1V Zener to protect the pin. The
RUN pin can be used as an undervoltage lockout (UVLO)
function by connecting a resistor divider from the input
supply to the RUN pin:
VUVLO = ((R1+R2)/R2) • 1.25V.
See the Block Diagram for the example of use.
INTVCC Regulator
The LTM4627 has an internal low dropout regulator from
VIN called INTVCC. This regulator output has a 4.7µF
ceramic capacitor internal. This regulator powers the
internal controller and MOSFET drivers. The gate driver
current is ~20mA for 750kHz operation. The regulator loss
can be calculated as:
(VIN– 5V)• 20mA =PLOSS
EXTVCC external voltage source ≥ 4.7V can be applied to
thispintoeliminatetheinternalINTVCCLDOpowerlossand
increase regulator efficiency. A 5V supply can be applied
to run the internal circuitry and power MOSFET driver. If
unused, leave pin floating. EXTVCC must be less than VIN
at all times during power-on and power-off sequences.
Stability Compensation
TheLTM4627hasalreadybeeninternallycompensatedfor
alloutputvoltages.Table4isprovidedformostapplication
requirements. LTpowerCAD is available for other control
loop optimization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com