Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KF5N25F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KF5N25F
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF5N25F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KF5N25F_15 Datasheet HTML 1Page - KEC(Korea Electronics) KF5N25F_15 Datasheet HTML 2Page - KEC(Korea Electronics) KF5N25F_15 Datasheet HTML 3Page - KEC(Korea Electronics) KF5N25F_15 Datasheet HTML 4Page - KEC(Korea Electronics) KF5N25F_15 Datasheet HTML 5Page - KEC(Korea Electronics) KF5N25F_15 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2014. 12. 05
3/6
KF5N25F
Revision No : 0
Gate - Source Voltage VGS (V)
Fig1. ID - VDS
Drain - Source Voltage VDS (V)
Drain Current ID (A)
10
0
10
-1
10
1
68
410
2
Fig2. ID - VGS
Fig3. BVDSS - Tj
Fig4. RDS(ON) - ID
025
0.9
1.0
1.3
1.2
1.1
50
75
100
125
150
Fig5. IS - VSD
0.4
0.8
1.0
1.2
0.6
1.4
1.6
1.8
8
0
2
6
4
06
10
4
28
Junction Temperature Tj (
)
C
Source - Drain Voltage VSD (V)
10
0
10
-1
10
1
10
2
Fig6. RDS(ON) - Tj
Junction Temperature Tj ( )
50
75
025
125
100
150
0.5
1.0
3.5
3.0
1.5
2.0
2.5
C
VGS =10V
IDS = 2.2A
V
GS = 0V
I
DS = 250
25 C
10
0
10
2
10
-1
10
1
10
-1
10
0
10
1
10
2
VGS=7,10V
VGS=10V
VGS=7V
VGS=5V
VDS=20V
25 C
TC=100 C
TC=100 C
VGS=5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com