Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KF5N25F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KF5N25F
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF5N25F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KF5N25F_15 Datasheet HTML 1Page - KEC(Korea Electronics) KF5N25F_15 Datasheet HTML 2Page - KEC(Korea Electronics) KF5N25F_15 Datasheet HTML 3Page - KEC(Korea Electronics) KF5N25F_15 Datasheet HTML 4Page - KEC(Korea Electronics) KF5N25F_15 Datasheet HTML 5Page - KEC(Korea Electronics) KF5N25F_15 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2014. 12. 05
4/6
KF5N25F
Revision No : 0
Drain - Source Voltage VDS (V)
Fig9. Safe Operation Area
10
1
10
2
10
3
10
2
10
1
10
0
10
1
10
-1
10
0
10
0
10
-2
10
2
10
3
Tc= 25
Tj = 150
Single pulse
C
C
DC
10ms
1ms
100
µs
10
µs
Operation in this
area is limited by RDS(ON)
Gate - Charge Qg (nC)
0
12
10
6
2
4
8
67
2
1
4
3
5
0
Fig8. Qg- VGS
I
D=5A
Fig 7. C - VDS
Drain - Source Voltage VDS (V)
0
5
15
25
35
10
20
30
40
VDS = 200V
TIME (sec)
Fig10. Transient Thermal Response Curve
- Duty Factor, D= t1/t2
t1
t2
PDM
Singl
e Pulse
Duty=0.5
0.0
2
0.05
0.1
0.2
0.01
10-5
10-3
10-2
10-1
100
101
10-4
10-2
10-1
101
100
Crss
Coss
Ciss
- RthJC = 4.8 C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com