Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASW8000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASW8000
Description  GaAs SPDT Switch DC - 8 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW8000 Datasheet(HTML) 1 Page - Tyco Electronics

  MASW8000 Datasheet HTML 1Page - Tyco Electronics MASW8000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V 2.00
GaAs SPDT Switch
DC - 8 GHz
MASW8000
Guaranteed Specifications** @+25
°C***
Frequency Range
DC-8.0 GHz
Insertion Loss
DC-2.0 GHz
0.8 dB Max
DC-4.0 GHz
0.9 dB Max
DC-8.0 GHz
1.0 dB Max
VSWR
DC-2.0 GHz
1.3:1 Max
DC-4.0 GHz
1.4:1 Max
DC-8.0 GHz
1.5:1 Max
Isolation
DC-2.0 GHz
37 dB Min
DC-4.0 GHz
30 dB Min
DC-8.0 GHz
20 dB Min
Operating Characteristics
Impedance
50
Ω Nominal
Switching Characteristics
Trise, Tfall (10/90% or 90/10% RF)
2 ns Typ
Ton, Toff (50% CTL to 90/10% RF)
4 ns Typ
Transients (in-Band)
20 mV Typ
Input Power for 1 dB Compression
Control Voltages (Vdc)
0/-5
0/-8
0.05 GHz
+20 dBm
+22 dBm Typ
0.5-8 GHz
+27 dBm
+30 dBm Typ
Intermodulation Intercept point
(for two-tone input power up to +5 dBm)
Intercept Points
IP2
IP3
0.05 GHz
+53 dBm
+40 dBm Typ
0.5-8 GHz
+78 dBm
+52 dBm Typ
Control Voltages (Complimentary Logic)
Vin Low
0 to -0.2V @ 20 µA Max
Vin Hi
-5V @ 50 µA Typ to -8V @ 350 µA Max
Die Size
0.046” x 0.036” X 0.010”
(1.15mm X 0.90mm X 0.25mm)
** All specifications apply with 50
Ω impedance connected to all RF ports,
0 and -5 Vdc control voltages.
*** Loss change 0.0025 dB/°C . (From -55°C to +85°C)
Features
q
Low Insertion Loss, 0.8 dB Typical @ 8 GHz
q
Fast Switching Speed, 3 ns Typical
q
Flexible Bonding Configurations
Typical Performance
Schematic


Similar Part No. - MASW8000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000105 MA-COM-MASW-000105 Datasheet
137Kb / 5P
GaAs SP6T 2.5 V High Power Switch Dual- / Tri- / Quad-Band GSM Applications
MASW-000105 MA-COM-MASW-000105 Datasheet
137Kb / 5P
GaAs SP6T 2.5 V High Power Switch
MASW-000105-001SMB MA-COM-MASW-000105-001SMB Datasheet
673Kb / 6P
GaAs SP6T 2.5 V High Power Switch Dual- / Tri- / Quad-Band GSM Applications
MASW-000105-TR3000 MA-COM-MASW-000105-TR3000 Datasheet
673Kb / 6P
GaAs SP6T 2.5 V High Power Switch Dual- / Tri- / Quad-Band GSM Applications
MASW-000105 MA-COM-MASW-000105_15 Datasheet
673Kb / 6P
GaAs SP6T 2.5 V High Power Switch Dual- / Tri- / Quad-Band GSM Applications
More results

Similar Description - MASW8000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS398 HW-HWS398 Datasheet
116Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com