Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASW8000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASW8000
Description  GaAs SPDT Switch DC - 8 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW8000 Datasheet(HTML) 2 Page - Tyco Electronics

  MASW8000 Datasheet HTML 1Page - Tyco Electronics MASW8000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V 2.00
Handling Precautions
Permanent damage to the MASW8000 may occur if the fol-
lowing precautions are not adhered to:
A. Cleanliness — The MASW8000 should be handled in a
clean environment. DO NOT attempt to clean unit after
the MASW8000 is installed.
B. Static Sensitivity — All chip handling equipment and per-
sonnel should be DC grounded.
C. Transient — Avoid instrument and power supply transients
while bias is applied to the MASW8000. Use shielded
signal and bias cables to minimize inductive pick-up.
D. Bias —Apply voltage to either of the complementary con-
trol port A1/B2 or A2/B1 only when the other is grounded.
Neither port should be allowed to ”float”.
E.General Handling — It is recommended that the
MASW8000 chip be handled along the long side of the
die with a sharp pair of bent tweezers. DO NOT touch the
surface of the chip with fingers or tweezers.
Mounting
The MASW8000 is back-metallized with Pd/Ni/Au
(100/1,000/10,000Å) metallization. It can be die-mounted
with AuSn eutectic preforms or with thermally conductive
epoxy. The package surface should be clean and flat before
attachment.
Eutectic Die Attach:
A. A 80/20 gold/tin preform is recommended with a work
surface temperature of approximately 255°C and a tool
temperature of 265°C. When hot 90/10 nitrogen/hydrogen
gas is applied, tool tip temperature should be approxi-
mately 290°C.
B. DO NOT expose the MASW8000 to a temperature
greater than 320°C for more than 20 seconds. No more
than 30 seconds of scrubbing should be required for
attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place the
MASW8000 into position. A thin epoxy fillet should be
visible around the perimeter of the chip.
B. Cure epoxy per manufacturer’s recommended schedule.
C. Electrically conductive epoxy may be used but is not
required.
Wire Bonding
A. Ball or wedge bond with 1.0 mil diameter pure gold wire.
Thermosonic wirebonding with a nominal stage tempera-
ture of 150°C and a ball bonding force of 40 to 50 grams
or wedge bonding force of 18 to 22 grams is recommend-
ed.Ultrasonic energy and time should be adjusted to the
minimum levels to achieve reliable wirebonds.
B. Wirebonds should be started on the chip and terminat-
ed on the package. GND bonds should be as short as
possible; at least three and no more than four bond
wires or two 3-mil ribbons from ground pads to package
are recommended.
Maximum Ratings
A. Control Voltage (A1/B2 or A2/B1):–8.5 Vdc
B. Max Input RF Power:
+34 dBm
C. Storage Temperature:
–65°C to +175°C
D. Max Operating Temperature:
+175°C
BondPad Dimensions
Inches (mm)
RF:
0.004 x 0.004
(0.100 x 0.100)
RF1, RF2:
0.004 x 0.004
(0.100 x 0.100)
A1, A2, B1, B2:
0.004 x 0.004
(0.100 x 0.100)
PC1, PC2
0.004 x 0.004
(0.100 x 0.100)
GND1, GND2:
0.005 x 0.009
(0.110 x 0.225)
Truth Table****
Control Inputs
Condition Of Switch
A1/B2
A2/B1
RF1
RF2
VINHi
VINLow
On
Off
VINLow
VINHi
Off
On
****For normal SPDT operation A1 is connected to B2 and
A2 is connected to B1.
Die Size
Inches (mm)
0.046 x 0.036 x 0.010
(1.15 x 0.90 x 0.25)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com