Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFSW2100D Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW2100D
Description  55W GaN-on-SiC Reflective SPDT RF Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW2100D Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW2100D Datasheet HTML 1Page - RF Micro Devices RFSW2100D Datasheet HTML 2Page - RF Micro Devices RFSW2100D Datasheet HTML 3Page - RF Micro Devices RFSW2100D Datasheet HTML 4Page - RF Micro Devices RFSW2100D Datasheet HTML 5Page - RF Micro Devices RFSW2100D Datasheet HTML 6Page - RF Micro Devices RFSW2100D Datasheet HTML 7Page - RF Micro Devices RFSW2100D Datasheet HTML 8Page - RF Micro Devices RFSW2100D Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131029
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 11
RFSW2100D
55W GaN-on-SiC Reflective SPDT RF Switch
The RFSW2100D is a GaN-on-SiC high power discrete RF switch
designed for military and commercial wireless infrastructure,
industrial/scientific/medical and general purpose broadband RF
control and switching applications. Using an advanced high power
density gallium nitride (GaN) semiconductor process, the
RFSW2100D is able to achieve low insertion loss and high
isolation with better than 10dB return loss across a wide band
from 30MHz to 6GHz with proper die attach and heat sinking. The
RFSW2100D is an SPDT RF switch suitable for many applications
with 55W CW input power compression capability under controlled
conditions, VSWR (3:1) and 25°C TCASE, hot switching capable, as
well as 0.34dB insertion loss, and 37dB small signal isolation at
2GHz.
Functional Block Diagram
Ordering Information
RFSW2100D
55W GaN on SiC RF Switch
Package: Bare Die 1mm x 0.8mm
Features
Broadband Operation 30MHz to
6GHz
Advanced GaN HEMT Technology
2GHz Typical Performance
Insertion Loss: 0.34dB
Isolation: 37dB
P0.1dB of 55W at -40V VLOW
Small Form Factor
1 x 0.8mm
High Power Capability
P0.1dB of 55W
Designed to Present 50
Ω I/O
Hot Switching Capable
Applications
Military Communicaiton
Electronic Warfare
Commercial Wireless Infrastructure
Cellular and WiMAX Infrastructure
Civilian and Military Radar
General Purpose Broadband
Amplifiers
Public Mobile Radios
Industrial, Scientific, and Medical
RFSW2100D
RFSW2100D


Similar Part No. - RFSW2100D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
BROADBAND SPDT SWITCH
logo
Qorvo, Inc
RFSW1012 QORVO-RFSW1012 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
RFSW1012PCK-410 QORVO-RFSW1012PCK-410 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
RFSW1012PCK-411 QORVO-RFSW1012PCK-411 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
RFSW1012TR7 QORVO-RFSW1012TR7 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
More results

Similar Description - RFSW2100D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG72030 MICROSEMI-GG72030 Datasheet
90Kb / 2P
REFLECTIVE SPDT SWITCH MODULES
logo
TriQuint Semiconductor
T1G4005528-FS TRIQUINT-T1G4005528-FS Datasheet
830Kb / 4P
55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
logo
Peregrine Semiconductor
PE4250 PSEMI-PE4250_14 Datasheet
808Kb / 9P
Reflective SPDT RF Switch
logo
TriQuint Semiconductor
T1G4005528-FS TRIQUINT-T1G4005528-FS_15 Datasheet
1Mb / 12P
55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
logo
Vishay Siliconix
TLHB44K2M1 VISHAY-TLHB44K2M1 Datasheet
104Kb / 5P
GaN on SiC technology
14-Oct-14
logo
BeRex Corporation
BSW6321 BEREX-BSW6321 Datasheet
1Mb / 13P
5MHz-6000MHz High Linearity Reflective SPDT RF switch
BSW6421 BEREX-BSW6421 Datasheet
1Mb / 13P
5MHz-6000MHz High Isolation Reflective SPDT RF switch
logo
Cree, Inc
GTRA360502M CREE-GTRA360502M Datasheet
250Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT
GTRA260502M CREE-GTRA260502M Datasheet
205Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT
GTRA214602FC CREE-GTRA214602FC Datasheet
321Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com