Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP28006 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP28006
Description  Internal Integrate P-MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28006 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP28006 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 10Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Preliminary Datasheet
LP28006
LP28006 – 00 Ver. 1.0 Datasheet
Feb.-2010
www.lowpowersemi.com
Page 9 of 11
Pre- Charge Current Setting During a charge cycle
if the battery voltage is below the VPRECH
threshold, the LP28006 applies a pre-charge mode
to the battery. This feature revives deeply
discharged cell sand protects battery life. The
LP28006 internal determines the pre-charge rate as
10% of the fast-charge current. Battery Voltage
Regulation. The LP28006 monitors the battery
voltage through the BATT pin. Once the battery
voltage level closes to the VREG threshold, the
LP28006 voltage enters constant phase and the
charging current begins to taper down. When
battery voltage is over the VREG threshold, the
LP28006 will stop charge and keep to monitor the
battery voltage. However, when the battery voltage
decreases 100mV below the VREG, it will be
recharged to keep the battery voltage. Charge Status
Outputs. The open-drain CHG_S and PGOOD
outputs indicate various charger operations as
shown in the following table. These status pins can
be used to drive LEDs or communicate to the host
processor. Note that ON indicates the open-drain
transistor is turned on and LED is bright.
Temperature Regulation and Thermal Protection In
order to maximize the charge rate, the LP28006
features a junction temperature regulation loop. If
the power dissipation of the IC results in a junction
temperature greater than the thermal regulation
threshold (125°C), theLP28006 throttles back on the
charge current in order to maintain a junction
temperature around the thermal regulation threshold
(125°C). The LP28006 monitors the junction
temperature, TJ, of the die and disconnects the
battery from the input if TJ exceeds 125°C. This
operation continues until junction temperature falls
below thermal regulation threshold (125°C) by the
hysteresis level. This feature prevents the chip from
damage.
Selecting the Input and Output Capacitors
In most applications, the most important is the
high-frequency decoupling capacitor on the input of
the LP28006.A 1uF ceramic capacitor, placed in
close proximity to input pin and GND pin is
recommended. In some applications depending on
the power supply characteristics and cable length, it
may be necessary to add an additional 10uFceramic
capacitor to the input. The LP28006 requires a small
output capacitor for loop stability. A 1uF ceramic
capacitor placed between the BATT pin and GND is
typically sufficient.
Layout Consideration
The LP28006 is a fully integrated low cost
single-cell Li-Ion battery charger ideal for portable
applications. Careful PCB layout is necessary. For
best performance, place all peripheral components
as close to the IC as possible. A short connection is
highly recommended. The following guide lines
should be strictly followed when designing a PCB
layout for the LP28006.Input capacitor should be
placed close to IC and connected to ground plane.
The trace of input in the PCB should be placed far
away the sensitive devices or shielded by the
ground.
The GND should be connected to a strong ground
plane for heat sinking and noise protection. The
connection of RSETA should be isolated from other
noisy traces. The short wire is recommended to
prevent EMI and noise coupling. Output capacitor
should be placed close to IC and connected to
ground plane to reduce noise coupling. The TS's
capacitor should be placed close to TS (Pin 9) and
connected to ground plane. The capacitance (0.1uF
to10uF) base on PCB layout. When PCB has poor
layout, the 10uF is recommended to prevent noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com