Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP28006 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28006
Description  Internal Integrate P-MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28006 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28006 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28006 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Datasheet
LP28006
LP28006 – 00 Ver. 1.0 Datasheet
Feb.-2010
www.lowpowersemi.com
Page 1 of 11
Single and Dual Cell Li+ Battery Charger IC –LP28006
General Description
The LP28006 is a fully integrated low cost single-cell
Li-Ion battery charger IC ideal for portable applications.
The LP28006 is capable of being powered up from AC
adapter. The LP28006 enters sleep mode when AC adapter
is removed. The LP28006 optimizes the charging task by
using a control algorithm including preconditioning mode,
fast charge mode and constant voltage mode. The charging
task is terminated as the charge current drops below the
preset threshold. The AC adapter charge current can be
programmed up to 1A with an external resister. The internal
thermal feedback circuitry regulates the die temperature to
optimize the charge rate for all ambient temperatures. The
LP28006 features 18V maximum rating voltages for AC
adapter. The other features are under voltage protection,
over voltage protection for AC adapter supply and battery
temperature monitoring.
Order Information
LP28006 - □ □ □ □ □
F: Pb-Free
Package Type
QV: TDFN-10
Output Voltage
42: 4.2V
84: 8.4V
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Marking Information
Please see website of LP28006:
www.lowpowersemi.com.
Features
18V Maximum Rating for AC Adapter
Internal Integrate P-MOSFETs
AC Adapter Power Good Status Indicator
Charge Status Indicator
Under Voltage Protection
Over Voltage Protection
Automatic Recharge Feature
Battery Temperature Monitoring
Small 10-Lead WDFN Package
Thermal Feedback Optimizing Charge Rate
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit


Similar Part No. - LP28006

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28007 POWER-LP28007 Datasheet
1Mb / 11P
Internal Integrate P-MOSFETs
LP28009 POWER-LP28009 Datasheet
734Kb / 12P
Internal Integrate P-MOSFETs
More results

Similar Description - LP28006

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9530 SAMSUNG-IRF9530 Datasheet
378Kb / 6P
P-CHANNEL POWER MOSFETS
IRF9540 SAMSUNG-IRF9540 Datasheet
381Kb / 6P
P-CHANNEL POWER MOSFETS
logo
Renesas Technology Corp
RAA207700GBM RENESAS-RAA207700GBM Datasheet
162Kb / 18P
Synchronous Buck Regulator with Internal Power MOSFETs
RAA207703GBM RENESAS-RAA207703GBM Datasheet
164Kb / 18P
Synchronous Buck Regulator with Internal Power MOSFETs
RAA207703GBM RENESAS-RAA207703GBM_13 Datasheet
280Kb / 24P
Synchronous Buck Regulator with Internal Power MOSFETs
RAA207700GBM RENESAS-RAA207700GBM_15 Datasheet
292Kb / 26P
Synchronous Buck Regulator with Internal Power MOSFETs
RAA207703GBM RENESAS-RAA207703GBM_15 Datasheet
280Kb / 24P
Synchronous Buck Regulator with Internal Power MOSFETs
logo
Lowpower Semiconductor ...
LP28007 POWER-LP28007 Datasheet
1Mb / 11P
Internal Integrate P-MOSFETs
LP28009 POWER-LP28009 Datasheet
734Kb / 12P
Internal Integrate P-MOSFETs
logo
Bruckewell Technology L...
MS23P19Z BWTECH-MS23P19Z Datasheet
581Kb / 6P
20V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com