Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP28007 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP28007
Description  Internal Integrate P-MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28007 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP28007 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 10Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Preliminary Datasheet
LP28007
LP28007 – 02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 11
V TRHYS
Trickle Charge Hysteresis
Voltage
RSET=1.5K
250
mV
VMSD
Manual Shutdown Threshold
Voltage
ISETA Pin Rising
2.15
V
ISETA Pin Falling
2.05
V
VASD
VIN – VBATT Lockout
Threshold Voltage
Vin from High to Low
30
mV
Vin from Low to High
60
mV
ITERM
C/10Termination Current
Threshold
RSET=1.5K
0.1
mA/ mA
RSET=0.75K
0.1
mA/ mA
VSET
ISETA pin Voltage
RSET=1.5K,Current Mode
1.5
V
ICHG_SB
CHG_SB Pin Weak Pull-Down
Current
VCHG_SB=5.0V
25
uA
VCHG_SB
CHG_SB Pin Output Low
Voltage
ICHG_SB=5mA
0.35
V
VPGOOD
PGOOD Pin Output Low
Voltage
IPGOOD_SB=5mA
0.35
V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Precharge
BATT Pre-Charge Rising Threshold
VPRECH
2.6
2.8
3
V
BATT Pre-Charge Threshold Hysteresis
∆VPRECH
50
100
200
mV
Pre-Charge Current
IPCHG
VBATT=2V
8
10
12
%
Recharge Threshold
BATT Pre-Charge Falling Threshold
Hysteresis
∆VPRECH_L
VREG – VBATT
60
100
150
mV
Charge Termination Detection
Termination Current Ratio(default)
ITERM
VBATT=4.2V
--
10
--
%
Logic Input/Output
CHG_S
______________
V
Pull Down Voltage
CHG_S
TBD, ICHG_S=5mA
_________________
--
65
--
mV
PGOOD Pull Down Voltage
VPGOOD
TBD, IPGOOD=5mA
--
220
--
mV
EN
______
Logic-High
Voltage
Threshold
VIH
1.5
--
--
V
Logic-Low
Voltage
VIL
--
--
0.4
V
EN
______
IEN
Pin Input Current
IEN=2V
--
--
2
μA
Protection
Thermal Regulation
--
125
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com