Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFR7446PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFR7446PBF
Description  Brushed Motor drive applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR7446PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFR7446PBF Datasheet HTML 1Page - International Rectifier IRFR7446PBF Datasheet HTML 2Page - International Rectifier IRFR7446PBF Datasheet HTML 3Page - International Rectifier IRFR7446PBF Datasheet HTML 4Page - International Rectifier IRFR7446PBF Datasheet HTML 5Page - International Rectifier IRFR7446PBF Datasheet HTML 6Page - International Rectifier IRFR7446PBF Datasheet HTML 7Page - International Rectifier IRFR7446PBF Datasheet HTML 8Page - International Rectifier IRFR7446PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRFR7446PbF
2
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
January 6, 2015
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Bond wire current limit is 56A. Note that current
limitations arising from heating of the device leads may occur with
some lead mounting arrangements. (Refer to AN-1140)
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.08mH
RG = 50Ω, IAS = 56A, VGS =10V.
„ ISD ≤ 100A, di/dt ≤ 1306A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
… Pulse width ≤ 400μs; duty cycle ≤ 2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
‰ Rθ is measured at TJ approximately 90°C.
Š Limited by TJmax starting TJ = 25°C, L= 1mH, RG = 50Ω, IAS = 22A, VGS =10V.
* LD and LS are Internal Drain Inductance and Internal Source Inductance
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
ΔV(BR)DSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
26
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.0
3.9
m
Ω
4.4
–––
mΩ
VGS(th)
Gate Threshold Voltage
2.2
3.0
3.9
V
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
μA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.5
–––
Ω
VGS = 20V
VGS = -20V
VGS = 6.0V, ID = 28A g
VDS = VGS, ID = 100μA
Conditions
VGS = 0V, ID = 250μAÃd
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 56A g
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds (1.6mm from case)
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
EAS (Thermally limited)
Single Pulse Avalanche Energy
l
IAR
Avalanche Current
d
A
EAR
Repetitive Avalanche Energy
d
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
1.52
RθJA
–––
50
RθJA
Junction-to-Ambient
k
–––
110
251
± 20
0.66
Max.
120
c
84
c
520
56
mJ
-55 to + 175
See Fig 15,16, 23a, 23b
Junction-to-Ambient (PCB Mount)
j
A
°C
300
98
125
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com