Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KIC7111M/ Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIC7111M/
Description  Analog CMOS Integrated Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7111M/ Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIC7111M/ Datasheet HTML 1Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 2Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 3Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 4Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 5Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 6Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 7Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2014. 3. 05
2/8
KIC7108~7160M/T5/P
Revision No : 2
Selection Guide
The output voltage, package type for the ICs can be selected at the user’s request.
The selection can be made with designating the part number as shown below
NO.
Specifications
Description
①
Function & Output Type
-
②
Detection Voltage
0.8 ~ 6.0V
③
Package
M
SOT - 23
T5
TSV
P
TO-92
Block Diagram
Figure. 1
KIC7 1 □
□□
□ □
□□
□
①③
②
Pin No
Symbol
Function
SOT-23
TSV
1
3
GND
GND
2
1
VOUT
Detector Output
3
2
VDD
Power Supply Voltage
-
4.5
NC
No Connection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com