Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KIC7111M/ Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIC7111M/
Description  Analog CMOS Integrated Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7111M/ Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIC7111M/ Datasheet HTML 1Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 2Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 3Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 4Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 5Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 6Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 7Page - KEC(Korea Electronics) KIC7111M/ Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2014. 3. 05
4/8
KIC7108~7160M/T5/P
Revision No : 2
Recommended Operating Conditions
Electrical characteristics : UnlessOtherwise Specified Ta=25
℃
℃
note 1: This device is tested at Ta=25
℃, over temperature limits guaranteed by design only.
note 2: The parameter is guaranteed by design.
ITEM
SYMBOL
RATINGS
UNITS
Operating Temperature
Topr
-40
~+105
℃
Supply voltage
VDD
0.70 ~ 10.0
V
ABSOLUTE MAXIMUM RATINGS (Ta=25
℃
℃)
ITEM
SYMBOL
RATING
UNITS
Supply voltage
VDD MAX.
-0.3
~+12.0
V
Output voltage
VOUT
-0.3
~(V
DD+0.3)
V
Input current (VDD)
IDD
20
mA
Output current ( RESET )
IOUT
20
mA
Power Dissipation
PD
SOT-23
350
Note 1)
mW
TSV
900
Note 2)
TO-92
400
Operating temperature
TOPR
-40~+105
℃
Storage temperature
TSTG
-65~+150
℃
Note 1) Package Mounted on 99.5% Alumina (10
×8×0.6mm)
Note 2) Package Mounted on a Ceramic board (600mm2
×0.8mm)
ITEM
SYMBOL
MEASUREMENT CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Supply current
IDD
VDD = VTH + 1V
-
0.25
1.0
uA
(1)
Reset threshold
VTH
Ta = +25
℃
VTH -1%
VTH
0.8~6.0V
(0.1Vstep)
VTH +1%
V
(2)
Ta = -40~+85
℃ (note1)
VTH-2.5%
VTH+2.5%
Reset threshold hysteresis
ΔV
TH
VDD=0V→VTH +1V→0V
VTH×0.03
-
VTH×0.08
V
(2)
Reset threshold temp. coefficient
ΔV
TH/℃
Ta=-40~+85
℃ (note 1)
-
±100
-
ppm/
℃
(2)
L transfer delay time
tPHL
VDD=VTH+0.4V→VTH-0.4V(note 2)
-
-
100
us
(5)
H transfer delay time
tPLH
VDD=VTH+0.4V→VTH-0.4V(note 2)
-
-
100
us
(5)
"L" output current
IOL1
VDD=0.7V, VDS=0.05V
0.01
0.10
-
mA
(3)
IOL2
VDD=1.2V, VDS=0.5V
VTH≻1.3V
0.23
2.00
IOL3
VDD=2.4V, VDS=0.5V
VTH≻2.5V
1.60
8.00
IOL4
VDD=3.6V, VDS=0.5V
VTH≻3.7V
3.20
12.0
"H" output current
IOH1
VDD=4.8V, VDS=0.5V, VTH≺4.7V
0.36
0.62
-
mA
(4)
IOH2
VDD=6.1V, VDS=0.5V, VTH≺5.9V
0.46
0.75



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com