Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX1202BC/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1202BC/D
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202BC/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1202BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
______________________________________________________________Pin Description
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
8
_______________________________________________________________________________________
-1.0
-0.8
-0.6
-0.4
0
INTEGRAL NONLINEARITY
vs. DIGITAL
1.0
0.4
0.6
0.8
DIGITAL CODE
3000
0
-0.2
750
1500
2250
0.2
3750
4500
-120
0
FFT PLOT
20
FREQUENCY (kHz)
-20
-40
-60
-80
-100
33.25
0
66.50
VSS = -5V
____________________________Typical Operating Characteristics (continued)
(VDD = 5V ±5%; VL = 2.7V to 3.6V; VSS = 0V; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion cycle
(133ksps); MAX1202—4.7µF capacitor at REF pin; MAX1203—external reference, VREF = 4.096V applied to REF pin; TA = +25°C;
unless otherwise noted.)
Serial-Strobe Output. In internal clock mode, SSTRB goes low when the MAX1202/MAX1203 begin
the analog-to-digital conversion, and goes high when the conversion is finished. In external clock
mode, SSTRB pulses high for one clock period before the MSB decision. High impedance when CS
is high (external clock mode).
SSTRB
16
Serial-Data Input. Data is clocked in at SCLK’s rising edge.
DIN
17
Active-Low Chip Select. Data is not clocked into DIN unless CS is low. When CS is high, DOUT is
high impedance.
CS
18
Serial-Clock Input. SCLK clocks data in and out of the serial interface. In external clock mode, SCLK
also sets the conversion speed. (Duty cycle must be 40% to 60% in external clock mode.)
SCLK
19
Positive Supply Voltage, +5V ±5%
VDD
20
Input to the Reference-Buffer Amplifier. Tie REFADJ to VDD to disable the reference-buffer amplifier.
REFADJ
12
Ground; IN- Input for Single-Ended Conversions
GND
13
Supply Voltage for Digital Output Pins. Voltage applied to VL determines the positive output swing of
the Digital Outputs (DOUT, SSTRB). 2.7V
≤ VL ≤ 5.25V.
VL
14
Serial-Data Output. Data is clocked out at SCLK’s falling edge. High impedance when CS is high.
DOUT
15
Reference-Buffer Output/ADC Reference Input. In internal reference mode (MAX1202 only), the refer-
ence buffer provides a 4.096V nominal output, externally adjustable at REFADJ. In external reference
mode, disable the internal buffer by pulling REFADJ to VDD.
REF
11
Three-Level Shutdown Input. Pulling SHDN low shuts the MAX1202/MAX1203 down to 10µA (max)
supply current; otherwise, the MAX1202/MAX1203 are fully operational. Pulling SHDN to VDD puts the
reference-buffer amplifier in internal compensation mode. Letting SHDN float puts the reference-
buffer amplifier in external compensation mode.
SHDN
10
PIN
Negative Supply Voltage. Tie VSS to -5V ±5% or to GND.
VSS
9
Sampling Analog Inputs
CH0–CH7
1–8
FUNCTION
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com