Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX1202BC/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1202BC/D
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202BC/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1202BC/D Datasheet HTML 2Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 3Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX1202BC/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
6
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VDD = +5V ±5%, VL = 2.7V to 3.6V, VSS = 0V or -5V ±5%, TA = TMIN to TMAX, unless otherwise noted.)
Note 1:
Tested at VDD = 5.0V; VSS = 0V; unipolar-input mode.
Note 2:
Relative accuracy is the analog value’s deviation (at any code) from its theoretical value after the full-scale range is calibrated.
Note 3:
MAX1202—internal reference, offset nulled; MAX1203—external reference (VREF = 4.096V), offset nulled.
Note 4:
On-channel grounded; sine wave applied to all off-channels.
Note 5:
Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 6:
Guaranteed by design. Not subject to production testing.
Note 7:
Common-mode range for analog inputs is from VSS to VDD.
Note 8:
External load should not change during the conversion for specified accuracy.
Note 9:
Shutdown supply current is measured with VL at 3.3V, and with all digital inputs tied to either VL or GND;
REFADJ = GND. Shutdown supply current is also dependent on VIH (Figure 12c).
Note 10: Logic supply current is measured with the digital outputs (DOUT and SSTRB) disabled (CS high). When the outputs are
active (CS low), the logic supply current depends on fSCLK, and on the static and capacitive load at DOUT and SSTRB.
Note 11: Measured at VSUPPLY + 5% and VSUPPLY - 5% only.
Note 12: Measured at VL = 2.7V and VL = 3.6V.
ns
100
tCSS
External-clock mode only, CLOAD = 100pF
ns
CS to SCLK Rise Setup
240
CLOAD = 100pF
ns
ns
20
240
ns
0
tDO
SCLK Fall to Output Data Valid
tCSH
CONDITIONS
CS to SCLK Rise Hold
240
tDV
CS Fall to Output Enable
CLOAD = 100pF
ns
240
tTR
CS Rise to Output Disable
tSDV
CS Fall to SSTRB Output Enable
(Note 6)
External-clock mode only, CLOAD = 100pF
ns
240
tSTR
CS Rise to SSTRB Output
Disable (Note 6)
Internal-clock mode only
ns
0
tSCK
SSTRB Rise to SCLK Rise
(Note 6)
ns
200
tCH
SCLK Pulse Width High
ns
200
tCL
SCLK Pulse Width Low
CLOAD = 100pF
ns
240
tSSTRB
SCLK Fall to SSTRB
CLOAD = 100pF
ns
0
tDH
DIN to SCLK Hold
µs
1.5
tACQ
Acquisition Time
ns
100
tDS
DIN to SCLK Setup
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com