Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2264E/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2264E/D
Description  2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2264E/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2264E/D Datasheet HTML 4Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 5Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 6Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 7Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 8Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 9Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 10Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 11Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2.7V, Single-Supply, Cellular-Band
Linear Power Amplifiers
8
_______________________________________________________________________________________
22
24
23
25
26
27
015
5
10
20
25
30
35
MAX2265
GAIN vs. OUTPUT POWER
OUTPUT POWER (dBm)
VCC = 2.7V
TA = +85°C
VCC = 2.7V
TA = -40°C
VCC = 3.3V
TA = +85°C
VCC = 3.3V
TA = -40°C
VCC = 2.7V
TA = +25°C
VCC = 3.3V
TA = +25°C
0
200
400
600
800
015
5
10
20
25
30
35
MAX2265
SUPPLY CURRENT vs. OUTPUT POWER
OUTPUT POWER (dBm)
VCC = 2.7V/3.3V
AT TA = -40°C/+25°C/+85°C
USING OPTIONAL TB
CIRCUIT IN FIGURE 2
VCC = 3.3V
-80
-70
-50
-60
-40
-30
-20
0
-10
10
20
30
MAX2265
ADJACENT-CHANNEL POWER RATIO
vs. OUTPUT POWER
OUTPUT POWER (dBm)
TA = +25°C
TA = +85°C
TA = -40°C
0
25
15
5
30
35
40
10
20
45
50
55
020
25
510
15
30
35
MAX2265
POWER-ADDED EFFICIENCY
vs. OUTPUT POWER
OUTPUT POWER (dBm)
VCC = 3.3V
TA = +25°C
VCC = 3.3V
TA = +85°C
VCC = 2.7V
TA = -40°C
VCC = 2.7V
TA = +25°C
VCC = 2.7V
TA = +85°C
VCC = 3.3V
TA = -40°C
Typical Operating Characteristics (continued)
(MAX2264/MAX2265/MAX2266 EV kits, VCC = +3.3V, SHDN = VCC, CDMA modulation, TA = +25°C, unless otherwise noted.)
30
32
36
34
38
40
826
836
831
841
846
MAX2265
POWER-ADDED EFFICIENCY
vs. FREQUENCY
FREQUENCY (MHz)
36.75% 36.58% 36.74%
36.38%
36.50%
-60
-40
-50
-20
-30
0
-10
10
30
20
40
CENTER 836MHz
MAX2265
TDMA POWER SPECTRUM
15.2805kHz/div SPAN 152.805kHz
0
20
40
60
80
100
120
140
2.5
3.5
3.0
4.0
4.5
5.0
5.5
MAX2266
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +85°C
TA = -40°C
TA = +25°C
PWR = GND
SHDN = GND
NO INPUT DRIVE
20
22
26
24
28
30
2.5
3.0
3.5
4.0
4.5
5.0
MAX2266
GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
PWR = VCC
TA = +25
°C
TA = -40
°C
TA = +85
°C
24
26
30
28
32
34
2.5
3.0
3.5
4.0
4.5
5.0
MAX2266
GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
PWR = GND
PIN = SET FOR ACPR LIMIT
TA = +25
°C
TA = -40
°C
TA = +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com