Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2264E/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2264E/D
Description  2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2264E/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2264E/D Datasheet HTML 2Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 3Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 4Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 5Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 6Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 7Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 8Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 9Page - Maxim Integrated Products MAX2264E/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2.7V, Single-Supply, Cellular-Band
Linear Power Amplifiers
6
_______________________________________________________________________________________
PWR = VCC
TA = +25°C
TA = -40°C
TA = +85°C
26
28
32
30
34
36
2.5
3.5
3.0
4.0
4.5
5.0
MAX2264
POWER-ADDED EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
8
9
11
10
13
12
14
2.5
4.0
3.0
3.5
4.5
5.0
MAX2264
POWER-ADDED EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = -40°C
TA = +85°C
TA = +25°C
PWR = GND
25
28
27
26
29
30
31
32
04
2
68
MAX2264
OUTPUT POWER vs. INPUT POWER
INPUT POWER (dBm)
PWR = VCC
VCC = 3.3V
TA = +25°C
VCC = 2.7V
TA = +25°C
VCC = 3.3V
TA = -40°C
VCC = 2.7V
TA = +85°C
VCC = 2.7V
TA = -40°C
VCC = 3.3V
TA = +85°C
4
8
12
16
20
-14
-8
-12
-10
-6
-4
-2
MAX2264
OUTPUT POWER vs. INPUT POWER
INPUT POWER (dBm)
TA = +25°C
TA = +85°C
TA = -40°C
PWR = GND
22
24
23
25
26
27
015
5
10
20
25
30
35
MAX2264
GAIN vs. OUTPUT POWER
OUTPUT POWER (dBm)
PWR = VCC
VCC = 2.7V
TA = +85°C
VCC = 2.7V
TA = -40°C
VCC = 3.3V
TA = +85°C
VCC = 3.3V
TA = -40°C
VCC = 2.7V
TA = +25°C
VCC = 3.3V
TA = +25°C
20
21
23
22
24
25
-10
5
-5
0
10
15
20
MAX2264
GAIN vs. OUTPUT POWER
OUTPUT POWER (dBm)
PWR = GND
TA = -40°C
TA = +85°C
TA = +25°C
0
200
400
600
800
015
5
10
20
25
30
35
MAX2264
SUPPLY CURRENT vs. OUTPUT POWER
OUTPUT POWER (dBm)
VCC = 2.7V/3.3V
AT TA = -40°C/+25°C/+85°C
PWR = VCC
PWR = GND
0
40
80
120
160
09
3
6
12
15
18
MAX2264
SUPPLY CURRENT vs. OUTPUT POWER
OUTPUT POWER (dBm)
TA = +25°C
TA = +85°C
TA = -40°C
-80
-70
-50
-60
-40
-30
-20
0
-10
10
20
30
MAX2264
ADJACENT-CHANNEL POWER RATIO
vs. OUTPUT POWER
OUTPUT POWER (dBm)
PWR = VCC
TA = +25°C
TA = +85°C
TA = -40°C
Typical Operating Characteristics (continued)
(MAX2264/MAX2265/MAX2266 EV kits, VCC = +3.3V, SHDN = VCC, CDMA modulation, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com