Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3040CSE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3040CSE
Description  짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3040CSE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3040CSE Datasheet HTML 7Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 8Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 9Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 10Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 11Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 12Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 13Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 14Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
±10kV ESD-Protected, Quad 5V RS-485/RS-422
Transmitters
______________________________________________________________________________________
13
Pin Configurations (continued)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
T1IN
VCC
T4IN
Y4
Z4
EN
Z3
Y3
T3IN
TOP VIEW
MAX3043
MAX3044
MAX3045B
16 TSSOP/SO
Y1
Z1
Y2
EN
Z2
T2IN
GND
RT
RT
1/4 MAX3040–MAX3045
1/4 MAX3040–MAX3045
1/4 MAX3040–MAX3045
1/4 MAX3095
1/4 MAX3095
1/4 MAX3095
1/4 MAX3040–MAX3045
1/4 MAX3095
UP TO 32 RS-485
UNIT LOADS
Figure 12. Typical Connection for Multiple-Point RS-485 Bus
Chip Information
TRANSISTOR COUNT: 545
PROCESS: CMOS
PART
TEMP RANGE
PIN-PACKAGE
DATA
RATE
MAX3045BCUE
0
°C to +70°C 16 TSSOP
20Mbps
MAX3045BCSE
0
°C to +70°C 16 Narrow SO
20Mbps
MAX3045BCWE
0
°C to +70°C 16 Wide SO
20Mbps
MAX3045BEUE -40
°C to +85°C 16 TSSOP
20Mbps
MAX3045BESE -40
°C to +85°C 16 Narrow SO
20Mbps
MAX3045BEWE -40
°C to +85°C 16 Wide SO
20Mbps
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
DATA
RATE
MAX3041CUE
0
°C to +70°C 16 TSSOP
2.5Mbps
MAX3041CSE
0
°C to +70°C 16 Narrow SO
2.5Mbps
MAX3041CWE
0
°C to +70°C 16 Wide SO
2.5Mbps
MAX3041EUE
-40
°C to +85°C 16 TSSOP
2.5Mbps
MAX3041ESE
-40
°C to +85°C 16 Narrow SO
2.5Mbps
MAX3041EWE
-40
°C to +85°C 16 Wide SO
2.5Mbps
MAX3042BCUE
0
°C to +70°C 16 TSSOP
20Mbps
MAX3042BCSE
0
°C to +70°C 16 Narrow SO
20Mbps
MAX3042BCWE
0
°C to +70°C 16 Wide SO
20Mbps
MAX3042BEUE -40
°C to +85°C 16 TSSOP
20Mbps
MAX3042BESE -40
°C to +85°C 16 Narrow SO
20Mbps
MAX3042BEWE -40
°C to +85°C 16 Wide SO
20Mbps
MAX3043CUE
0
°C to +70°C 16 TSSOP
250kbps
MAX3043CSE
0
°C to +70°C 16 Narrow SO
250kbps
MAX3043EWE
0
°C to +70°C 16 Wide SO
250kbps
MAX3043EUE
-40
°C to +85°C 16 TSSOP
250kbps
MAX3043ESE
-40
°C to +85°C 16 Narrow SO
250kbps
MAX3043EWE
-40
°C to +85°C 16 Wide SO
250kbps
MAX3044CUE
0
°C to +70°C 16 TSSOP
2.5Mbps
MAX3044CSE
0
°C to +70°C 16 Narrow SO
2.5Mbps
MAX3044CWE
0
°C to +70°C 16 Wide SO
2.5Mbps
MAX3044EUE
-40
°C to +85°C 16 TSSOP
2.5Mbps
MAX3044ESE
-40
°C to +85°C 16 Narrow SO
2.5Mbps
MAX3044EWE
-40
°C to +85°C 16 Wide SO
2.5Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com