Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3040CSE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3040CSE
Description  짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3040CSE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3040CSE Datasheet HTML 1Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 2Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 3Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 4Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 5Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 6Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 7Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 8Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
±10kV ESD-Protected, Quad 5V RS-485/RS-422
Transmitters
_______________________________________________________________________________________
3
SWITCHING CHARACTERISTICS—MAX3040/MAX3043
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
fMAX
250
kbps
tPLH
0.7
1.5
Driver Propagation Delay
tPHL
Figures 2 and 3,
RDIFF = 54
Ω, CDIFF = 50pF
0.7
1.5
µs
tF
0.48
0.75
1.33
Driver Differential Output
Rise-Time/Fall-Time
tR
Figures 2 and 3,
RDIFF = 54
Ω, CDIFF = 50pF
0.48
0.75
1.33
µs
tDSKEW
Different chips
±350
Skew Driver to Driver
tSSKEW
Same chip
Figures 2 and 3,
RDIFF = 54
Ω,
CDIFF= 50pF
±100
ns
Driver Differential Output Skew
| tPLH - t PHL |
tSKEW
Figures 2 and 3,
RDIFF = 54
Ω, CDIFF = 50pF
±100
ns
Driver Enable to Output High
tZH
MAX3040, Figures 4 and 5, S2 closed,
RL = 500
Ω, CL = 100pF
2.0
µs
Driver Enable from Shutdown to
Output High
tZH(SHDN)
Figures 4 and 5, S2 closed,
RL = 500
Ω, CL = 100pF
2.0
µs
Driver Enable to Output Low
tZL
MAX3040, Figures 4 and 5, S1 closed,
RL = 500
Ω, CL = 100pF
2.0
µs
Driver Enable from Shutdown to
Output Low
tZL(SHDN)
Figures 4 and 5, S1 closed,
RL = 500
Ω, CL = 100pF
2.0
µs
Driver Disable Time from Low
tLZ
Figures 4 and 5, S1 closed,
RL = 500
Ω, CL = 15pF
500
ns
Driver Disable Time from High
tHZ
Figures 4 and 5, S2 closed,
RL = 500
Ω, CL = 15pF
500
ns
SWITCHING CHARACTERISTICS—MAX3041/MAX3044
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
fMAX
2.5
Mbps
tPLH
70
150
Driver Propagation Delay
tPHL
Figures 2 and 3,
RDIFF = 54
Ω, CDIFF = 50pF
70
150
ns
tF
33
70
133
Driver Differential Output
Rise-Time/Fall-Time
tR
Figures 2 and 3,
RDIFF = 54
Ω, CDIFF = 50pF
33
70
133
ns
tDSKEW
Different chips
±52
Skew Driver to Driver
tSSKEW
Same chip
Figures 2 and 3,
RDIFF = 54
Ω,
CDIFF = 50pF
±15
ns
Driver Differential Output Skew
| tPLH - t PHL |
tSKEW
Figures 2 and 3,
RDIFF = 54
Ω, CDIFF = 50pF
±15
ns
Driver Enable to Output High
tZH
MAX3041, Figures 4 and 5, S2 closed,
RL = 500
Ω, CL = 100pF
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com