Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCG51 Datasheet(PDF) 13 Page - Connor-Winfield Corporation

Part # SCG51
Description  Synchronous Clock Generators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG51 Datasheet(HTML) 13 Page - Connor-Winfield Corporation

Back Button SCG51 Datasheet HTML 6Page - Connor-Winfield Corporation SCG51 Datasheet HTML 7Page - Connor-Winfield Corporation SCG51 Datasheet HTML 8Page - Connor-Winfield Corporation SCG51 Datasheet HTML 9Page - Connor-Winfield Corporation SCG51 Datasheet HTML 10Page - Connor-Winfield Corporation SCG51 Datasheet HTML 11Page - Connor-Winfield Corporation SCG51 Datasheet HTML 12Page - Connor-Winfield Corporation SCG51 Datasheet HTML 13Page - Connor-Winfield Corporation SCG51 Datasheet HTML 14Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet #: SG079
Page 13 of 14
Rev: 00
Date: 09/08/04
© Copyright 2004 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Ordering Information
Please contact Connor-Winfield for other frequencies that may be available.
SCG51- G A A B B
Reference Input Frequency
PECL Output Frequency
for Y0 & Y0 and Internal VCXO
PECL Output Frequency
for Y1 & Y1
PECL Output Frequency
for Y2 & Y2
CMOS Output Frequency
for Y3*
A = 155.52 MHz
B = 77.76 MHz
C = 38.88 MHz
D = 9.72 MHz
E = 4.86 MHz
F = 19.44 MHz
G = 8 kHz
H = 128 MHz
N = No Output
(High-Z)
* Other Y3 frequencies may be available. Please contact a sale representative for availability.
Currently Available
Internal
VCXO Frequencies
155.56 MHZ
Y0
Y1
Y2
Y3*
Y0
Y1
Y2
Y3*
77.76 MHz
÷ 1÷ 1÷ 1
High-Z
÷ 1÷ 8÷ 8÷ 4
÷ 1
High-Z
High-Z
÷ 4
÷ 1
High-Z
÷ 16
÷ 4
÷ 1
÷ 1
High-Z
÷ 4
÷ 1
÷ 1
÷ 16
÷ 4
÷ 1
÷ 2
High-Z
÷ 4
÷ 1
÷ 2
÷ 16
÷ 4
÷ 1
÷ 4
High-Z
÷ 4
÷ 1
÷ 4
÷ 16
÷ 4
÷ 1
÷ 8
High-Z
÷ 4
÷ 1
÷ 8
÷ 16
÷ 4
÷ 1
High-Z
÷ 1
÷ 4
÷ 1
High-Z
High-Z
÷ 1
÷ 1÷ 1÷ 1÷ 4
÷ 1÷ 1
High-Z
÷ 1
÷ 1÷ 2÷ 1÷ 4
÷ 1÷ 2
High-Z
÷ 1
÷ 1÷ 4÷ 1÷ 4
÷ 1÷ 1
High-Z
÷ 2
÷ 1÷ 8÷ 1÷ 4
÷ 1÷ 2
High-Z
÷ 2
÷ 1
High-Z
÷ 2
÷ 4
÷ 1
High-Z
High-Z
÷ 2
÷ 1÷ 1÷ 2÷ 4
÷ 1÷ 1÷ 1÷ 2
÷ 1÷ 2÷ 2÷ 4
÷ 1÷ 2÷ 8÷ 2
÷ 1÷ 4÷ 2÷ 4
÷ 1÷ 2÷ 8÷ 8
÷ 1÷ 8÷ 2÷ 4
÷ 1÷ 4
High-Z
÷ 1
÷ 1
High-Z
÷ 4
÷ 4
÷ 1
÷ 8
High-Z
÷ 1
÷ 1÷ 1÷ 4÷ 4
÷ 1÷ 4
High-Z
÷ 2
÷ 1÷ 2÷ 4÷ 4
÷ 1÷ 8
High-Z
÷ 2
÷ 1÷ 4÷ 4÷ 4
÷ 1÷ 1÷ 2÷ 2
÷ 1÷ 8÷ 4÷ 4
÷ 1
High-Z
High-Z
÷ 8
÷ 1
High-Z
÷ 8
÷ 4
÷ 1
÷ 4
High-Z
÷ 8
÷ 1÷ 1÷ 8÷ 4
÷ 1÷ 4÷ 8÷ 8
÷ 1÷ 2÷ 8÷ 4
÷ 1÷ 8
High-Z
÷ 8
÷ 1÷ 4÷ 8÷ 4
÷ 1÷ 2÷ 8
÷ 16
Available Output Frequencies
Based on Internal VCXO
Available Output Frequencies
Based on Internal VCXO (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com