Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC5428 Datasheet(PDF) 13 Page - Connor-Winfield Corporation

Part # STC5428
Description  Synchronous Clock for SETS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5428 Datasheet(HTML) 13 Page - Connor-Winfield Corporation

Back Button STC5428 Datasheet HTML 9Page - Connor-Winfield Corporation STC5428 Datasheet HTML 10Page - Connor-Winfield Corporation STC5428 Datasheet HTML 11Page - Connor-Winfield Corporation STC5428 Datasheet HTML 12Page - Connor-Winfield Corporation STC5428 Datasheet HTML 13Page - Connor-Winfield Corporation STC5428 Datasheet HTML 14Page - Connor-Winfield Corporation STC5428 Datasheet HTML 15Page - Connor-Winfield Corporation STC5428 Datasheet HTML 16Page - Connor-Winfield Corporation STC5428 Datasheet HTML 17Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Page 13 of 66
Rev: 0.2
Date: April 3, 2014
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5428
Synchronous Clock for SETS
DATASHEET
Preliminary
Note 6: Timing generator T0 and T4 share register 0x20 ~ 0x3F. Register 0x1F selects between T0 and T4 for the sharing registers 0x20
~0x3F.
0x4B
Synth_Freq_Value
17-0
R/W
Selects synthesizer frequency value from 1MHz to 156.25MHz, in
1kHz steps, based on which synthesizer index is selected at the reg-
ister Synth_Index_Select
0x4C
0x4D
0x4E
Synth_Skew_Adj
11-0
R/W
Adjust phase skew for the synthesizer with the index selected at
register Synth_Index_Select
0x4F
0x50
CLK1/2_Signal_Level
1-0
R/W
Select the signal level (LVDS or LVPECL) for clock outputs CLK1
and CLK2
0x51
CLK1_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK1
0x52
CLK2_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK2
0x53
CLK3_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK3
0x54
CLK4_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK4
0x55
CLK5_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK5
0x56
CLK6_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK6
0x57
CLK7_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK7
0x58
CLK8_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK8
0x59
Frame8K_Sel
6-0
R/W
8kHz frame pulse clock duty cycle selection, signal inversion
0x5A
Frame2K_Sel
6-0
R/W
2kHz frame pulse clock duty cycle selection, signal inversion
0x5B
Ref_Acceptable_Freq
14-0
R/W
Select integer N for manually acceptable frequency at Nx8kHz;
Enable auto detection of reference input frequency
0x5C
0x5D
Frame_Mux
11-0
R/W
Select one of frame signal (Frame8K, Frame2K, or composite sig-
nal) and forward it to CLK3~CLK8 selection individually
0x5E
0x5F
Diff_REF_Polarity
1-0
R/W
Differential input REF(11~12)_P and REF(11~12)_N polarity reverse
0x70
Field_Upgrade_Status
2-0
R
Indicates the status of field upgrade process
0x71
Field_Upgrade_Data
7-0
R/W
Load 7600 bytes of firmware configuration data
0x72
Field_Upgrade_Count
12-0
R
Count byte numbers that have been loaded
0x73
0x74
Field_Upgrade_Start
7-0
W
Write three values consecutively to start the field upgrade process
0x7F
MCLK_Freq_Reset
7-0
R/W
Select the frequency of the external oscillator
Table 5: Register Map
Addr
Reg Name
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com