Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS8530-01 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8530-01
Description  Maximum output frequency
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8530-01 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8530-01 Datasheet HTML 7Page - Integrated Device Technology ICS8530-01 Datasheet HTML 8Page - Integrated Device Technology ICS8530-01 Datasheet HTML 9Page - Integrated Device Technology ICS8530-01 Datasheet HTML 10Page - Integrated Device Technology ICS8530-01 Datasheet HTML 11Page - Integrated Device Technology ICS8530-01 Datasheet HTML 12Page - Integrated Device Technology ICS8530-01 Datasheet HTML 13Page - Integrated Device Technology ICS8530-01 Datasheet HTML 14Page - Integrated Device Technology ICS8530-01 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ICS8530FY-01 REVISION G NOVEMBER 15, 2012
11
©2012 Integrated Device Technology, Inc.
ICS8530-01 Data Sheet
LOW SKEW, 1-TO-16, DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS8530-01.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS8530-01 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 146mA = 505.89mW
•
Power (outputs)MAX = 30mW/Loaded Output pair
If all outputs are loaded, the total power is 16 * 30mW = 480mW
Total Power_MAX (3.465V, with all outputs switching) = 505.89mW + 480mW = 985.89mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and it directly affects the reliability of the device.
The maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the
bond wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 53.9°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.986W * 53.9°C/W = 123.1°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 6. Thermal Resistance JA for 48 Lead LQFP, Forced Convection
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
53.9°C/W
47.7°C/W
45.0°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com