Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UF9Z24L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF9Z24L-TN3-R
Description  P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF9Z24L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UF9Z24L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF9Z24L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF9Z24L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF9Z24L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UF9Z24
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-A18.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-55
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
TC=25°C
ID
-12
A
Pulsed
IDM
-48
A
Single Pulsed Avalanche Current (L=0.1mH)
IAS
-7.2
A
Single Pulsed Avalanche Energy (L=0.1mH)(Note 1)
EAS
96
mJ
Power Dissipation
TO-220
PD
38
W
TO-220F/TO-220F1
23
W
TO-220F2
25
W
TO-252
27
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-220F2
θJA
62
°C/W
TO-252
110
°C/W
Junction to Case
TO-220
θJC
3.3
°C/W
TO-220F/TO-220F1
5.5
°C/W
TO-220F2
5
°C/W
TO-252
4.6
°C/W
Notes: 1. Duty cycle≤1 %.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com