Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

89HPES10T4G2 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 89HPES10T4G2
Description  One virtual channel
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES10T4G2 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 89HPES10T4G2 Datasheet HTML 2Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 3Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 4Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 5Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 6Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 7Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 8Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 9Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6 of 30
August 10, 2011
IDT 89HPES10T4G2 Data Sheet
Signal
Type
Name/Description
CCLKDS
I
Common Clock Downstream. The assertion of this pin indicates that all
downstream ports are using the same clock source as that provided to
downstream devices.This bit is used as the initial value of the Slot Clock
Configuration bit in all of the Link Status Registers for downstream ports.
The value may be overridden by modifying the SCLK bit in each down-
stream port’s PCIELSTS register.
CCLKUS
I
Common Clock Upstream. The assertion of this pin indicates that the
upstream port is using the same clock source as the upstream device. This
bit is used as the initial value of the Slot Clock Configuration bit in the Link
Status Register for the upstream port. The value may be overridden by
modifying the SCLK bit in the P0_PCIELSTS register.
MSMBSMODE
I
Master SMBus Slow Mode. The assertion of this pin indicates that the
master SMBus should operate at 100 KHz instead of 400 KHz. This value
may not be overridden.
PERSTN
I
Fundamental Reset. Assertion of this signal resets all logic inside
PES10T4G2 and initiates a PCI Express fundamental reset.
RSTHALT
I
Reset Halt. When this signal is asserted during a PCI Express fundamental
reset, PES10T4G2 executes the reset procedure and remains in a reset
state with the Master and Slave SMBuses active. This allows software to
read and write registers internal to the device before normal device opera-
tion begins. The device exits the reset state when the RSTHALT bit is
cleared in the SWCTL register by an SMBus master.
SWMODE[2:0]
I
Switch Mode. These configuration pins determine the PES10T4G2 switch
operating mode.
0x0 - Normal switch mode
0x1 - Normal switch mode with Serial EEPROM initialization
0x2 - through 0x7 Reserved
These pins should be static and not change following the negation of
PERSTN.
Table 5 System Pins
Signal
Type
Name/Description
JTAG_TCK
I
JTAG Clock. This is an input test clock used to clock the shifting of data
into or out of the boundary scan logic or JTAG Controller. JTAG_TCK is
independent of the system clock with a nominal 50% duty cycle.
JTAG_TDI
I
JTAG Data Input. This is the serial data input to the boundary scan logic or
JTAG Controller.
Table 6 Test Pins (Part 1 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com