Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

89HPES10T4G2 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 89HPES10T4G2
Description  One virtual channel
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES10T4G2 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 89HPES10T4G2 Datasheet HTML 9Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 10Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 11Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 12Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 13Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 14Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 15Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 16Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13 of 30
August 10, 2011
IDT 89HPES10T4G2 Data Sheet
Figure 5 JTAG AC Timing Waveform
Signal
Symbol
Reference
Edge
Min
Max
Unit
Timing
Diagram
Reference
JTAG
JTAG_TCK
Tper_16a
none
50.0
—
ns
See Figure 5.
Thigh_16a,
Tlow_16a
10.0
25.0
ns
JTAG_TMS1,
JTAG_TDI
1. The JTAG specification, IEEE 1149.1, recommends that JTAG_TMS should be held at 1 while the signal applied at JTAG_TRST_N
changes from 0 to 1. Otherwise, a race may occur if JTAG_TRST_N is deasserted (going from low to high) on a rising edge of JTAG_TCK
when JTAG_TMS is low, because the TAP controller might go to either the Run-Test/Idle state or stay in the Test-Logic-Reset state.
Tsu_16b
JTAG_TCK rising
2.4
—
ns
Thld_16b
1.0
—
ns
JTAG_TDO
Tdo_16c
JTAG_TCK falling
—
20
ns
Tdz_16c2
2. The values for this symbol were determined by calculation, not by testing.
—20
ns
JTAG_TRST_N
Tpw_16d2
none
25.0
—
ns
Table 12 JTAG AC Timing Characteristics
Tpw_16d
Tdz_16c
Tdo_16c
Thld_16b
Tsu_16b
Thld_16b
Tsu_16b
Tlow_16a
Tlow_16a
Tper_16a
Thigh_16a
JTAG_TCK
JTAG_TDI
JTAG_TMS
JTAG_TDO
JTAG_TRST_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com