Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5200L-AD-SM1-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L5200L-AD-SM1-R
Description  LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5200L-AD-SM1-R Datasheet(HTML) 6 Page - Unisonic Technologies

  L5200L-AD-SM1-R Datasheet HTML 1Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 2Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 3Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 4Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 5Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 6Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
L5200
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-029.E
TYPICAL CHARACTERISTICS (L5200-5.0V)
6
CIN = COUT = CFLY = 1μF
5
4
3
2.7
3.0
3.3
3.6
3.9
4.2
4.5
Supply Voltage (V)
No Load Supply Current vs Supply Voltage
Ta = 85℃
Ta = 25℃
Ta = -40℃
3.0
2.4
1.6
1.0
2.7
3.0
3.3
3.6
3.9
4.2
4.5
Supply Voltage (V)
Oscillator Frequency vs Supply Voltage
Ta = 85℃
Ta = 25℃
Ta = -40℃
VSHDN = VIN
2.8
2.6
2.2
2.0
1.8
1.4
1.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com