Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5200L-AD-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L5200L-AD-SM1-R
Description  LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5200L-AD-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L5200L-AD-SM1-R Datasheet HTML 1Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 2Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 3Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 4Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 5Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 6Page - Unisonic Technologies L5200L-AD-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L5200
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-029.E
LOW NOISE, REGULATED
CHARGE PUMP DC/DC
CONVERTERS
DESCRIPTION
The UTC L5200-xx series are low noise, constant frequency
charge pump DC/DC converters and designed to increase efficiency
in white LED application. The operating voltage range is 2.7V ~ VOUT
input with up to 100mA of output current. Low external parts counts
(one flying capacitor and two small bypass capacitors at VIN and
VOUT) make the UTC L5200-xx series ideally suited for small,
battery-powered applications.
A charge-pump architecture maintains constant switching
frequency to zero load and reduces both output and input ripple. The
UTC L5200-xx series have thermal shutdown capability to escape
the device damaged from a continuous short-circuit. With built-in
soft-start circuitry to prevents excessive current flow at VIN during
start-up. High switching frequency enables the use of small ceramic
capacitors. A low-current shutdown feature disconnects the load from
VIN and reduces quiescent current to <1μA.
The L5200-ADJ is available in MSOP-8 package and
L5200-fixed
in SOT-26 and TSOT-26 package.
FEATURES
* Low Noise Constant Frequency Operation
* Output Current: 100mA
* 2MHz Switching Frequency
* 4.5V/5.0V Fixed Output Voltage
* VIN Range: 2.7V ~ VOUT
* Automatic Soft-Start.
* No Inductors
* Less than 1μA of Shutdown Current
ORDERING INFORMATION
Ordering Number
Package
Packing
L5200L-AD-SM1-R
MSOP-8
Tape Reel
L5200L-45-AG6-R
SOT-26
Tape Reel
L5200L-50-AH6-R
TSOT-26
Tape Reel
Note: xx: Output Voltage, Refer to Marking Information


Similar Part No. - L5200L-AD-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5200L-AD-SM1-R UTC-L5200L-AD-SM1-R Datasheet
159Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200L-AD-SM1-R UTC-L5200L-AD-SM1-R Datasheet
401Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
More results

Similar Description - L5200L-AD-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5200 UTC-L5200 Datasheet
159Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
REGULATED CHARGE PUMP DC/DC CONVERTERS
V1.0
logo
Linear Technology
LTC3200 LINER-LTC3200 Datasheet
193Kb / 12P
Low Noise, Regulated Charge Pump DC/DC Converters
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
REGULATED CHARGE PUMP DC/DC CONVERTERS
3.0
logo
Unisonic Technologies
L5201 UTC-L5201 Datasheet
169Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC3200 LINER-LTC3200_15 Datasheet
185Kb / 12P
Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200-5 LINER-LTC3200-5_15 Datasheet
185Kb / 12P
Low Noise, Regulated Charge Pump DC/DC Converters
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
Unisonic Technologies
L5200 UTC-L5200_16 Datasheet
401Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com