Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XUH Datasheet(PDF) 3 Page - Integrated Device Technology

Part # XUH
Description  Frequency range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUH Datasheet(HTML) 3 Page - Integrated Device Technology

  XUH Datasheet HTML 1Page - Integrated Device Technology XUH Datasheet HTML 2Page - Integrated Device Technology XUH Datasheet HTML 3Page - Integrated Device Technology XUH Datasheet HTML 4Page - Integrated Device Technology XUH Datasheet HTML 5Page - Integrated Device Technology XUH Datasheet HTML 6Page - Integrated Device Technology XUH Datasheet HTML 7Page - Integrated Device Technology XUH Datasheet HTML 8Page - Integrated Device Technology XUH Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REVISION A 01/08/15
3
IDT XO HCMOS CRYSTAL OSCILLATOR
XUH DATASHEET
DC Characteristics
(VDD= 3.3 V ± 5%, TA= - 20°C to +70°C; -40° to +85°C) Below are guaranteed for listed standard frequencies.
* A pullup resistor from pin 4 (VDD) to pin 1 (E/D) enables output when pin 1 is left open.
AC Characteristics
(VDD= 3.3 V ± 5%, TA= - 20°C to +70°C; -40° to +85°C) Below are guaranteed for listed standard frequencies.
Note: Inclusive of initial frequency accuracy, operating temperature range, supply variation, load variation, 3 times solder reflow, shock, vibration and 1 year aging at 25°C. We do not
recommend hand soldering the devices
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply Current
IDD
Standard Frequencies
90
mA
Output HIGH Voltage
VOH
CL = 15pF
90%VDD
V
Output LOW Voltage
VOL
CL = 15pF
10%VDD
V
Enable/Disable Input HIGH Voltage
(Output enabled)*
VIH
70%VDD
V
Enable/Disable Input LOW Voltage
(Output disabled)
VIL
30%VDD
V
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output Frequency Range
FOUTR
0.016
167
MHz
Frequency Stability
Temperature = -20°C to +70°C
±20
±100
ppm
Temperature = -40°C to +85°C
±25
±100
ppm
Aging (1st year)
Ta = 25°C
±3
Aging (10 years)
Ta = 25°C
±10
Output Load
15
pF
Start-up Time
TST
Output valid time after VDD meets minimum
specified level
10
ms
Output Rise Time
10% to 90% VDD, Standard Frequencies
3
ns
Output Fall Time
90% to 10% VDD, Standard Frequencies
3
ns
Output Clock Duty Cycle
TDTCY
@ 50% VDD Std. Frequencies to 125MHz
Std. Frequencies >125MHz
45
40
55
60
%
Output Enable/ Disable Time
TOE
100
ns
Period Jitter, RMS
JPER
Frequency = 156.25MHz
5
psec
Random Jitter
RJ
Frequency = 156.25MHz
Per MJSQ spec (Methodologies for Jitter
and Signal Quality specifications)
0.6
psec
Deterministic Jitter
DJ
10
psec
Total Jitter
TJ
19
psec
Phase Jitter (12kHz – 20MHz)
JITTER
Standard Frequencies
300
400
fsec
Phase Noise Performance
Frequency = 156.25MHz
NOISE
100Hz of Carrier
-97
dBc/Hz
1kHz of Carrier
-116
dBc/Hz
10kHz of Carrier
-126
dBc/Hz
100kHz of Carrier
-133
dBc/Hz
1MHz of Carrier
-147
dBc/Hz
10MHz of Carrier
-156
dBc/Hz
Output Frequency (Standards)
FOUT
10MHz, 12MHz, 12.288MHz, 16MHz, 20MHz, 24MHz, 24.576MHz, 25MHz, 33.333MHz,
40MHz, 48MHZ, 50MHz, 100MHz, 125MHz, 156.25MHz
(Contact IDT for additional frequencies)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com