Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XUH Datasheet(PDF) 1 Page - Integrated Device Technology

Part # XUH
Description  Frequency range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUH Datasheet(HTML) 1 Page - Integrated Device Technology

  XUH Datasheet HTML 1Page - Integrated Device Technology XUH Datasheet HTML 2Page - Integrated Device Technology XUH Datasheet HTML 3Page - Integrated Device Technology XUH Datasheet HTML 4Page - Integrated Device Technology XUH Datasheet HTML 5Page - Integrated Device Technology XUH Datasheet HTML 6Page - Integrated Device Technology XUH Datasheet HTML 7Page - Integrated Device Technology XUH Datasheet HTML 8Page - Integrated Device Technology XUH Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
XUH REVISION A 01/08/15
1
©2015 Integrated Device Technology, Inc.
IDT XO HCMOS Crystal Oscillator
XUH
General Description
The XUH is an HCMOS Crystal Oscillator with 300fs typical
phase jitter over 12kHz to 20 MHz bandwidth. Available in a
wide frequency range from 0.016MHz to 167MHz, the IDT
XUH Series Crystal Oscillator utilizes a family of proprietary
ASICs, with a key focus on noise reduction technologies.
The 4th order Delta Sigma Modulator reduces noise to the
levels that are comparable to traditional Bulk Quartz and SAW
oscillators. With short lead-time, low cost, low noise, wide
frequency range, excellent ambient performance, the XUH is
an excellent choice over the conventional technologies. The
XUH has stabilities as tight as ±20ppm with extremely quick
delivery for both standard and custom frequencies
Features
Frequency range: 0.016 to 167MHz
Output Type: HCMOS
Frequency Stability: ± 20ppm, ± 25ppm, ± 50ppm, or ± 100
ppm
Supply Voltage: 1.8V, 2.5V or 3.3V
Phase Jitter (1.875MHz to 20MHz): 100fs typical
Phase Jitter (12kHz to 20MHz): 300fs typical
Package options: 5.0mm x 3.2mm x 1.2mm (JS4)
7.0mm x 5.0mm x 1.3mm (JU4)
Operating Temperatures: -20°C to +70°C or -40°C to +85°C
Pin Assignment
Pin Descriptions
1. Pulled high internally.
Pin Number
Pin Name
Description
1
E/D
Enable/Disable1 (0=Output Disabled)
2
GND
Connect to ground
3
OUT
Output
4
VDD
Supply voltage
12
3
4
6-pin CLCC


Similar Part No. - XUH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUH310 IDT-XUH310 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XUH315 IDT-XUH315 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XUH316 IDT-XUH316 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XUH318 IDT-XUH318 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XUH31V IDT-XUH31V Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
More results

Similar Description - XUH

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA1650A ZCOMM-PSA1650A Datasheet
86Kb / 2P
Frequency Range:
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
XLL IDT-XLL Datasheet
350Kb / 13P
Frequency range
XLP IDT-XLP Datasheet
299Kb / 11P
Frequency range
XUL IDT-XUL Datasheet
220Kb / 12P
Frequency range
XUN IDT-XUN Datasheet
215Kb / 12P
Frequency range
XUO IDT-XUO Datasheet
214Kb / 12P
Frequency range
XUP IDT-XUP Datasheet
214Kb / 12P
Frequency range
XUQ IDT-XUQ Datasheet
213Kb / 12P
Frequency range
logo
Mitsubishi Electric Sem...
RA30H4047M1-101 MITSUBISHI-RA30H4047M1-101 Datasheet
246Kb / 9P
Broadband Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com