Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XUL Datasheet(PDF) 3 Page - Integrated Device Technology

Part # XUL
Description  Frequency range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUL Datasheet(HTML) 3 Page - Integrated Device Technology

  XUL Datasheet HTML 1Page - Integrated Device Technology XUL Datasheet HTML 2Page - Integrated Device Technology XUL Datasheet HTML 3Page - Integrated Device Technology XUL Datasheet HTML 4Page - Integrated Device Technology XUL Datasheet HTML 5Page - Integrated Device Technology XUL Datasheet HTML 6Page - Integrated Device Technology XUL Datasheet HTML 7Page - Integrated Device Technology XUL Datasheet HTML 8Page - Integrated Device Technology XUL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REVISION B 12/15/14
3
IDT XO LVDS CRYSTAL OSCILLATOR
XUL DATASHEET
DC Characteristics
(VDD= 3.3 V ± 5%, TA= - 20°C to +70°C; -40° to +85°C). Below are guaranteed for listed standard frequencies.
* A pullup resistor from pin 6 (VDD) to pin 1 (E/D) enables output when pin 1 is left open.
AC Characteristics
(VDD= 3.3 V ± 5%, TA= - 20°C to +70°C; -40° to +85°C). Below are guaranteed for listed standard frequencies.
Note: Inclusive of initial frequency accuracy, operating temperature range, supply variation, load variation, 3 times solder reflow, shock, vibration and 1 year aging at 25°C. We do not
recommend hand soldering the devices
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply Current
IDD
Standard Frequencies
79
97
mA
Differential Output Voltage
VOD
Std LVDS load
0.25
0.5
0.6
V
Output Offset Voltage
VOS
Std LVDS load
1.0
1.17
1.375
V
Enable/Disable Input HIGH Voltage
(Output enabled)*
VIH
70%VDD
V
Enable/Disable Input LOW Voltage
(Output disabled)
VIL
30%VDD
V
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output Frequency Range
FOUTR
0.016
1500
MHz
Frequency Stability
Temperature = -20°C to +70°C
±20
±100
ppm
Temperature = -40°C to +85°C
±25
±100
ppm
Aging (1st year)
Ta = 25°C
±3
Aging (10 years)
Ta = 25°C
±10
Output Load
Differential
100
Ohms
Start-up Time
TST
Output valid time after VDD meets
minimum specified level
10
ms
Output Rise Time
20% to 80% VPP
275
380
ps
Output Fall Time
80% to 20% VPP
275
380
ps
Output Clock Duty Cycle
TDTCY
@ 50% VPP
45
55
%
Output Enable/ Disable Time
TOE
100
ns
Period Jitter, RMS
JPER
Frequency = 156.25MHz
3.5
8
psec
Random Jitter
RJ
Frequency = 156.25MHz
Per MJSQ spec (Methodologies for
Jitter and Signal Quality specifications)
0.9
1.5
psec
Deterministic Jitter
DJ
12
26
psec
Total Jitter
TJ
25
44
psec
Phase Jitter (12kHz – 20MHz)
JITTER
@25°C & 3.3V
300
400
fsec
Phase Noise Performance
Frequency = 156.25 MHz
NOISE
100Hz of Carrier
-97
dBc/Hz
1kHz of Carrier
-112
dBc/Hz
10kHz of Carrier
-122
dBc/Hz
100kHz of Carrier
-131
dBc/Hz
1MHz of Carrier
-146
dBc/Hz
10MHz of Carrier
-153
dBc/Hz
Output Frequency (Standards)
FOUT
100MHz, 106.25MHz, 125MHz, 150MHz, 155.52MHz, 156.25MHz, 200MHz,
212,5MHz, 250MHz, 300MHz, 312.5MHZ, 400MHz
(Contact IDT for additional frequencies)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com