Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XUL Datasheet(PDF) 1 Page - Integrated Device Technology

Part # XUL
Description  Frequency range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUL Datasheet(HTML) 1 Page - Integrated Device Technology

  XUL Datasheet HTML 1Page - Integrated Device Technology XUL Datasheet HTML 2Page - Integrated Device Technology XUL Datasheet HTML 3Page - Integrated Device Technology XUL Datasheet HTML 4Page - Integrated Device Technology XUL Datasheet HTML 5Page - Integrated Device Technology XUL Datasheet HTML 6Page - Integrated Device Technology XUL Datasheet HTML 7Page - Integrated Device Technology XUL Datasheet HTML 8Page - Integrated Device Technology XUL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
XUL REVISION B 12/15/14
1
©2014 Integrated Device Technology, Inc.
IDT XO LVDS Crystal Oscillator
XUL
General Description
The XUL is an Ultra Precision LVDS Crystal Oscillator with
300 fs typical phase jitter over 12kHz to 20 MHz bandwidth.
Available in a wide frequency range from 16kHz to 1500MHz,
the IDT XUL Series Crystal Oscillator utilizes a family of
proprietary ASICs, with a key focus on noise reduction
technologies.
The 4th order Delta Sigma Modulator reduces noise to the
levels that are comparable to traditional Bulk Quartz and SAW
oscillators. With short lead-time, low cost, low noise, wide
frequency range, excellent ambient performance, the XUL is
an excellent choice over the conventional technologies. The
XUL has stabilities as tight as +/- 20ppm with extremely quick
delivery for both standard and custom frequencies
Features
Frequency range: 0.016 to 1500 MHz
Output Type: LVDS
Frequency Stability: ± 20ppm, ± 25ppm, ± 50ppm, or ± 100
ppm
Supply Voltage: 1.8V, 2.5V, or 3.3V
Phase Jitter (1.875MHz to 20MHz): 100fs typical
Phase Jitter (12kHz to 20MHz): 300fs typical
Package options: 5.0mm x 3.2mm x 1.2mm (JS6)
7.0mm x 5.0mm x 1.3mm (JU6)
Operating Temperatures: -20°C to +70°C or -40°C to +85°C
Pin Assignment
Pin Descriptions
1. Pulled high internally.
Pin Number
Pin Name
Description
1
E/D
Enable/Disable1 (0=Output Disabled)
2
NC
No connect
3
GND
Connect to ground
4
OUT
Output
5
OUT2
Complementary output
6
VDD
Supply Voltage
12
3
4
5
6
6-pin CLCC


Similar Part No. - XUL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUL310 IDT-XUL310 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XUL315 IDT-XUL315 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XUL316 IDT-XUL316 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XUL318 IDT-XUL318 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XUL31V IDT-XUL31V Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
More results

Similar Description - XUL

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA1650A ZCOMM-PSA1650A Datasheet
86Kb / 2P
Frequency Range:
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
XLL IDT-XLL Datasheet
350Kb / 13P
Frequency range
XLP IDT-XLP Datasheet
299Kb / 11P
Frequency range
XUH IDT-XUH Datasheet
255Kb / 12P
Frequency range
XUN IDT-XUN Datasheet
215Kb / 12P
Frequency range
XUO IDT-XUO Datasheet
214Kb / 12P
Frequency range
XUP IDT-XUP Datasheet
214Kb / 12P
Frequency range
XUQ IDT-XUQ Datasheet
213Kb / 12P
Frequency range
logo
Mitsubishi Electric Sem...
RA30H4047M1-101 MITSUBISHI-RA30H4047M1-101 Datasheet
246Kb / 9P
Broadband Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com