Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128 Datasheet(PDF) 13 Page - Texas Instruments

Part # UCD3138128
Description  UCD3138x Highly-Integrated Digital Controller For Isolated Power
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138128 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD3138128_15 Datasheet HTML 9Page - Texas Instruments UCD3138128_15 Datasheet HTML 10Page - Texas Instruments UCD3138128_15 Datasheet HTML 11Page - Texas Instruments UCD3138128_15 Datasheet HTML 12Page - Texas Instruments UCD3138128_15 Datasheet HTML 13Page - Texas Instruments UCD3138128_15 Datasheet HTML 14Page - Texas Instruments UCD3138128_15 Datasheet HTML 15Page - Texas Instruments UCD3138128_15 Datasheet HTML 16Page - Texas Instruments UCD3138128_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014
Timing Requirements (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
t(HIGH)
Clock high period(3)
35
ms
Cumulative clock low slave extend
t(LOW:SEXT)
25
ms
time(4)
20 + 0.1
tf
Clock/data fall time
Rise time tr = (VILmax – 0.15) to (VIHmin + 0.15)
300
ns
Cb(5)
20 + 0.1
tr
Clock/data rise time
Fall time tf = 0.9 VDD to (VILmax – 0.15)
300
ns
Cb(5)
Cb
Total capacitance of one bus line
400
pF
(3)
t(HIGH), Max, is the minimum bus idle time. SMBC = SMBD = 1 for t > 50 ms causes reset of any transaction that is in progress. This
specification is valid when the NC_SMB control bit remains in the default cleared state (CLK[0] = 0).
(4)
t(LOW:SEXT) is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop.
(5)
Cb (pF)
Figure 1. IC/SMBUS/PMBUS Timing Diagram2
Figure 2. Bus Timing In Extended Mode
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: UCD3138128 UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com