Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128 Datasheet(PDF) 21 Page - Texas Instruments

Part # UCD3138128
Description  UCD3138x Highly-Integrated Digital Controller For Isolated Power
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138128 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD3138128_15 Datasheet HTML 17Page - Texas Instruments UCD3138128_15 Datasheet HTML 18Page - Texas Instruments UCD3138128_15 Datasheet HTML 19Page - Texas Instruments UCD3138128_15 Datasheet HTML 20Page - Texas Instruments UCD3138128_15 Datasheet HTML 21Page - Texas Instruments UCD3138128_15 Datasheet HTML 22Page - Texas Instruments UCD3138128_15 Datasheet HTML 23Page - Texas Instruments UCD3138128_15 Datasheet HTML 24Page - Texas Instruments UCD3138128_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
IOFFSET
REA
EAP
EAN
AGND
AGND
IOFFSET
REA
Front End Differential
Amplifier
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014
9.3.2.1.1
Front End
Figure 9 shows the block diagram of the front end module. It consists of a differential amplifier, an adjustable
gain error amplifier, a high speed flash analog to digital converter (EADC), digital averaging filters and a precision
high resolution set point DAC reference. The programmable gain amplifier in concert with the EADC and the
adjustable digital gain on the EADC output work together to provide 9 bits of range with 6 bits of resolution on the
EADC output. The output of the Front End module is a 9 bit sign extended result with a gain of 1 LSB / mV.
Depending on the value of AFE selected, the resolution of this output could be either 1, 2, 4 or 8 LSBs. In
addition Front End 0 has the ability to automatically select the AFE value such that the minimum resolution is
maintained that still allows the voltage to fit within the range of the measurement. The EADC control logic
receives the sample request from the DPWM module for initiating an EADC conversion. EADC control circuitry
captures the EADC-9-bit-code and strobes the filter for processing of the representative error. The set point DAC
has 10 bits with an additional 4 bits of dithering resulting in an effective resolution of 14 bits. This DAC can be
driven from a variety of sources to facilitate things like soft start, nested loops, etc. Some additional features
include the ability to change the polarity of the error measurement and an absolute value mode which
automatically adds the DAC value to the error.
It is possible to operate the controller in a peak current mode control configuration. In this mode topologies like
the phase shifted full bridge converter can be controlled to maintain transformer flux balance. The internal DAC
can be ramped at a synchronously controlled slew rate to achieve a programmable slope compensation. This
eliminates the sub-harmonic oscillation as well as improves input voltage feed-forward performance. A0 is a unity
gain buffer used to isolate the peak current mode comparator. The offset of this buffer is specified in the
Electrical Characteristics table.
Figure 9. Input Stage Of EADC Module
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: UCD3138128 UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com