Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138A64 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A64
Description  UCD3138x Highly-Integrated Digital Controller For Isolated Power
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A64 Datasheet(HTML) 36 Page - Texas Instruments

Back Button UCD3138A64 Datasheet HTML 32Page - Texas Instruments UCD3138A64 Datasheet HTML 33Page - Texas Instruments UCD3138A64 Datasheet HTML 34Page - Texas Instruments UCD3138A64 Datasheet HTML 35Page - Texas Instruments UCD3138A64 Datasheet HTML 36Page - Texas Instruments UCD3138A64 Datasheet HTML 37Page - Texas Instruments UCD3138A64 Datasheet HTML 38Page - Texas Instruments UCD3138A64 Datasheet HTML 39Page - Texas Instruments UCD3138A64 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
Digital Comparator 0
Control
Digital Comparator 1
Control
Digital Comparator 2
Control
Digital Comparator 3
Control
Front End
Control 0
Front End
Control 1
Front End
Control 2
Analog
Comparator 0
Analog Comparator 0
Control
Analog
Comparator 1
Analog Comparator 1
Control
Analog
Comparator 2
Analog Comparator 2
Control
Analog
Comparator 3
Analog Comparator 3
Control
Analog
Comparator 4
Analog Comparator 4
Control
Analog
Comparator 5
Analog Comparator 5
Control
Analog
Comparator 6
Analog Comparator 6
Control
External GPIO
Detection
fault[2:0]
DPWM 0
DPWM 1
DPWM 2
DPWM 3
DPWM 0
Fault Control
DPWM 1
Fault Control
DPWM 2
Fault Control
DPWM 3
Fault Control
Analog Comparator
Automated Ramp
DCM Detection
HFO/LFO
Fail Detect
UCD3138128, UCD3138A64
SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014
www.ti.com
Figure 23. Fault Mux Block Diagram
9.3.6 Communication Ports
9.3.6.1 SCI (UART) Serial Communication Interface
A
maximum
of
two
independent
Serial
Communication
Interface
(SCI)
or
Universal
Asynchronous
Receiver/Transmitter (UART) interfaces are included within the device for asynchronous start-stop serial data
communication (see the pin out sections for details). Each interface has a 24 bit pre-scaler for supporting
programmable baud rates, a programmable data word and stop bit options. Half or full duplex operation is
configurable through register bits. A loop back feature can also be setup for firmware verification. Both SCI-TX
and SCI-RX pin sets can be used as GPIO pins when the peripheral is not being used.
9.3.6.2 PMBUS/I2C
The UCD3138x has two independent interfaces which both support PMBus and I2C in master and slave modes.
Only one of the interfaces has control of the address pin current sources as well as support for the optional
Control and Alert lines described in the PMBus specification. Other than these differences, the interfaces are
identical.
The PMBus/I2C interface is designed to minimize the processor overhead required for interface. It can
automatically detect and acknowledge addresses. It handles start and stop conditions automatically, and can
clock stretch until the processor has time to poll the PMBus status. It will automatically receive and send up to 4
bytes at a time. It can automatically verify and generate a PEC. This means that a write byte command can be
received by the processor with only one function call. There is no need for any interrupts at all with this
PMBus/I2C interface. If it is polled every few milliseconds, it will work perfectly.
The interface also supports automatic ACK of two independent addresses. If both PMBus/I2C interfaces are used
at the same time a total of 4 independent addresses can be automatically detected.
Example: PMBus Address Decode via ADC12 Reading
The user can allocate 2 pins of the 12-bit ADC input channels, AD_00 and AD_01, for PMBus address decoding.
At power-up the device applies IBIAS to each address detect pin and the voltage on that pin is captured by the
internal 12-bit ADC.
36
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: UCD3138128 UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com