| Electronic Components Datasheet Search |
|
UCD3138A64 Datasheet(PDF) 52 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138A64 Datasheet(HTML) 52 Page - Texas Instruments |
|
52 / 80 page ![]() Start of Period Period Counter Start of Period Period Adaptive Sample Trigger B Sample Trigger 1 DPWM Output A Cycle Adjust A (High Resolution) Filter Duty (High Resolution) Event 1 Event 2 - Event 3 (High Resolution) Event 4 (High Resolution) DPWM Output B Blanking A Begin Blanking A End Blanking B Begin Blanking B End Phase Trigger Sample Trigger 2 To Other Modules To Other Modules Leading Edge Closed Loop Events which change with DPWM mode: DPWM A Falling Edge = Event 1 DPWM A Rising Edge = Event 1 - Filter Duty + Cycle Adjust A Adaptive Sample Trigger A = Event 1 - Filter Duty + Adaptive Sample Register or Adaptive Sample Trigger B = Event 1 - Filter Duty/2 + Adaptive Sample Register DPWM B Rising Edge = Event 4 DPWM B Falling Edge = Event 1 - Filter Duty + Cycle Adjust A -(Event 2 – Event 3) Phase Trigger = Phase Trigger Register value or Filter Duty Events always set by their registers, regardless of mode: Sample Trigger 1, Sample Trigger 2, Blanking A Begin , Blanking A End , Blanking B Begin, Blanking B End Adaptive Sample Trigger A UCD3138128, UCD3138A64 SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014 www.ti.com Device Functional Modes (continued) Figure 34. Leading Edge Mode As in the Normal mode, the two edges in the middle of the period are dynamic, so the fixed blanking intervals are mainly useful for the edges at the beginning and end of the period. 52 Submit Documentation Feedback Copyright © 2014, Texas Instruments Incorporated Product Folder Links: UCD3138128 UCD3138A64 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |