Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3100MODR11MAMOBR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC3100MODR11MAMOBR
Description  CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100MODR11MAMOBR Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC3100MODR11MAMOBR Datasheet HTML 9Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 10Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 11Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 12Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 13Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 14Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 15Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 16Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
CC3100MOD
www.ti.com
SWRS161 – DECEMBER 2014
4.9
Current Consumption
TA = +25°C, VBAT = 3.6 V
PARAMETER
TEST CONDITIONS(1) (2)
MIN
TYP
MAX
UNIT
TX power level = 0
272
1 DSSS
TX power level = 4
188
TX power level = 0
248
TX
6 OFDM
TX power level = 4
179
TX power level = 0
223
54 OFDM
mA
TX power level = 4
160
1 DSSS
53
RX(3)
54 OFDM
53
Idle connected(4)
0.715
LPDS
0.140
Hibernate
7
µA
VBAT = 3.3 V
450
Peak calibration current(3)(5)
mA
VBAT = 2.3 V
620
(1)
TX power level = 0 implies maximum power. TX power level = 4 implies output power backed off approximately 4 dB.
(2)
The CC3100 system is a constant power-source system. The active current numbers scale inversely on the VBAT voltage supplied.
(3)
The RX current is measured with a 1-Mbps throughput rate.
(4)
DTIM = 1
(5)
The complete calibration can take up to 17 mJ of energy from the battery over a time of 24 ms. Calibration is performed sparingly,
typically when coming out of Hibernate and only if temperature has changed by more than 20°C or the time elapsed from prior
calibration is greater than 24 hours.
Note: The area enclosed in the circle represents a significant reduction in current when transitioning from TX power
level 3 to 4. In the case of lower range requirements (13-dbm output power), TI recommends using TX power level 4
to reduce the current.
Figure 4-3. TX Power and IBAT vs TX Power Level Settings (1 DSSS)
Copyright © 2014, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com