Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3100MODR11MAMOBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC3100MODR11MAMOBR
Description  CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100MODR11MAMOBR Datasheet(HTML) 2 Page - Texas Instruments

  CC3100MODR11MAMOBR Datasheet HTML 1Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 2Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 3Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 4Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 5Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 6Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 7Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 8Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
CC3100MOD
SWRS161 – DECEMBER 2014
www.ti.com
1.2
Applications
•
Internet of Things (IoT)
•
Internet Gateway
•
Cloud Connectivity
•
Industrial Control
•
Home Automation
•
Smart Plug and Metering
•
Home Appliances
•
Wireless Audio
•
Access Control
•
IP Network Sensor Nodes
•
Security Systems
•
Wearables
•
Smart Energy
1.3
Description
Add Wi-Fi to low-cost, low-power microcontroller (MCU) for Internet of Things (IoT) applications. The
CC3100MOD is FCC, IC, CE, and Wi-Fi CERTIFIED module is part of the new SimpleLink Wi-Fi family
that dramatically simplifies the implementation of Internet connectivity. The CC3100MOD integrates all
protocols for Wi-Fi and Internet, which greatly minimizes host MCU software requirements. With built-in
security protocols, the CC3100MOD solution provides a robust and simple security experience.
Additionally, the CC3100MOD is a complete platform solution including various tools and software, sample
applications, user and programming guides, reference designs and the TI E2E™ support community. The
CC3100MOD is available an LGA package that is easy to lay out with all required components including
serial flash, RF filter, crystal, passive components fully integrated.
The Wi-Fi network processor subsystem features a Wi-Fi Internet-on-a-Chip and contains an additional
dedicated ARM MCU that completely off-loads the host MCU. This subsystem includes an 802.11 b/g/n
radio, baseband, and MAC with a powerful crypto engine for fast, secure Internet connections with 256-bit
encryption. The CC3100MOD module supports Station, Access Point, and Wi-Fi Direct modes. The
module also supports WPA2 personal and enterprise security and WPS 2.0. This subsystem includes
embedded TCP/IP and TLS/SSL stacks, HTTP server, and multiple Internet protocols. The power-
management subsystem includes an integrated DC-DC converter with support for a wide range of supply
voltages. This subsystem enables low-power consumption modes such as hibernate with RTC mode,
which requires approximately 7
μA of current. The CC3100MOD module can connect to any 8-, 16-, or 32-
bit MCU over the SPI or UART Interface. The device driver minimizes the host memory footprint
requirements of less than 7KB of code memory and 700B of RAM memory for a TCP client application.
Table 1-1. Module Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC3100MODR11MAMOB
MOB (63)
20.5 mm × 17.5 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
2
Module Overview
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com