Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX536ASH Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MX536ASH
Description  True RMS-to-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536ASH Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MX536ASH Datasheet HTML 4Page - Maxim Integrated Products MX536ASH Datasheet HTML 5Page - Maxim Integrated Products MX536ASH Datasheet HTML 6Page - Maxim Integrated Products MX536ASH Datasheet HTML 7Page - Maxim Integrated Products MX536ASH Datasheet HTML 8Page - Maxim Integrated Products MX536ASH Datasheet HTML 9Page - Maxim Integrated Products MX536ASH Datasheet HTML 10Page - Maxim Integrated Products MX536ASH Datasheet HTML 11Page - Maxim Integrated Products MX536ASH Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Frequency Response
The MX536A/MX636 utilizes a logarithmic circuit in per-
forming the RMS computation of the input signal. The
bandwidth of the RMS converters is proportional to sig-
nal level. Figures 11 and 12 represent the frequency
response of the converters from 10mV to 7VRMS for the
MX536A and 1mV to 1V for the MX636, respectively.
The dashed lines indicate the upper frequency limits for
1%, 10%, and ±3dB of reading additional error.
Caution must be used when designing RMS measuring
systems so that overload does not occur. The input
clipping level for the MX636 is ±12V, and for the
MX536A it is ±20V. A 7VRMS signal with a crest factor
of 3 has a peak input of 21V.
Application in a Low-Cost DVM
A low-cost digital voltmeter (DVM) using just two inte-
grated circuits plus supporting circuitry and LCD dis-
play is shown in Figure 13. The MAX130 is a 3 1/2 digit
integrating A/D converter with precision bandgap refer-
ence. The 10M
Ω input attenuator is AC coupled to pin
6 of the MX636 buffer amplifier. The output from the
MX636 is connected to the MAX130 to give a direct
reading to the LCD display.
True RMS-to-DC Converters
10
______________________________________________________________________________________
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
BUF
VIN
-VS
+VS
+VS
VRMS OUT
CAV
IOUT
RL
COMMON
N.C.
N.C.
N.C.
dB
N.C.
C2
MX536A
MX636
Figure 7. MX536A/MX636 with a One-Pole Output Filter
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
BUF
VIN
-VS
+VS
VRMS OUT
CAV
C3
C2
RX*
* MX536A = 25k
Ω
MX636 = 10k
Ω
MX536A
MX636
Figure 8. MX536A/MX636 with a Two-Pole Output Filter
0.1
10
1k
10k
1
10
FREQUENCY (Hz)
100
PK-PK RIPPLE
RX = 0
PK-PK RIPPLE
(ONE POLE)
C2 = 4.7
µF
PK-PK RIPPLE
(TWO POLE)
C2 = C3 = 4.7
µF
DC ERROR
(ALL FILTERS)
MX536A
2.2
µF
1
µF
2.2
µF
2.2
µF
1
µF
MX636
4.7
µF
1
µF
4.7
µF
4.7
µF
1
µF
ONE-POLE FILTER
C2
CAV
TWO-POLE FILTER
C2
C3
CAF
Figure 9. Performance Features of Various Filter Types for
MX536A/MX636



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com