Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX536ASH Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MX536ASH
Description  True RMS-to-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536ASH Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MX536ASH Datasheet HTML 4Page - Maxim Integrated Products MX536ASH Datasheet HTML 5Page - Maxim Integrated Products MX536ASH Datasheet HTML 6Page - Maxim Integrated Products MX536ASH Datasheet HTML 7Page - Maxim Integrated Products MX536ASH Datasheet HTML 8Page - Maxim Integrated Products MX536ASH Datasheet HTML 9Page - Maxim Integrated Products MX536ASH Datasheet HTML 10Page - Maxim Integrated Products MX536ASH Datasheet HTML 11Page - Maxim Integrated Products MX536ASH Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
True RMS-to-DC Converters
______________________________________________________________________________________
11
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
BUF
VIN
+VS
-VS
+VS
4.5V TO 15V
+VS
VIN
VOUT
2.5V
dB OUT
-3mV/dB
C1
C2
ZERO dB
0.1
µF
LINEAR
RMS
OUTPUT
R1
R2
500
Ω
GAIN
R3
1k*
R4
36k
R5
GROUND
COMPENSATED
dB OUT
+0.1V/dB
*SPECIAL TC COMP RESISTOR: +3500PPM, 1k, 1%
MX580J
MX536A
MX636
MAX400
Figure 10. dB Connection
1
1m
100
µ
1k
100k
10M
1M
10m
30m
200m
100m
FREQUENCY (Hz)
10k
1VRMS INPUT
200mVRMS INPUT
100mVRMS INPUT
10mVRMS INPUT
30mVRMS INPUT
1VRMS INPUT
1%
10%
±3dB
Figure 12. MX636 High-Frequency Response
10
0.01
1k
100k
10M
1M
0.1
1
FREQUENCY (Hz)
10k
7VRMS INPUT
1%
10%
±3dB
1VRMS INPUT
100mVRMS
INPUT
10mVRMS
INPUT
Figure 11. MX536A High-Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com