Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXD1005C/D__ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MXD1005C/D__
Description  5-Tap Silicon Delay Line
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1005C/D__ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MXD1005C/D__ Datasheet HTML 1Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 2Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 3Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 4Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 5Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 6Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 7Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAP4
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
_______________General Description
The MXD1005 silicon delay line offers five equally
spaced taps with delays ranging from 12ns to 250ns
and a nominal accuracy of ±2ns or ±3%, whichever is
greater. Relative to hybrid solutions, this device offers
enhanced performance and higher reliability, and
reduces overall cost. Each tap can drive up to ten 74LS
loads.
The MXD1005 is available in multiple versions, each
offering a different combination of delay times. It comes
in the space-saving 8-pin µMAX package, as well as an
8-pin SO or DIP, allowing full compatibility with the
DS1005 and other delay line products.
________________________Applications
Clock Synchronization
Digital Systems
____________________________Features
o Improved Second Source to DS1005
o Available in Space-Saving 8-Pin µMAX Package
o 17mA Supply Current vs. Dallas’ 40mA
o Low Cost
o Delay Tolerance of ±2ns or ±3%, whichever is
Greater
o TTL/CMOS-Compatible Logic
o Leading- and Trailing-Edge Accuracy
o Custom Delays Available
5-Tap Silicon Delay Line
________________________________________________________________
Maxim Integrated Products
1
TAP3
TAP5
GND
1
2
8
7
VCC
TAP1
TAP2
TAP4
IN
DIP/SO/
µMAX
TOP VIEW
3
4
6
5
MXD1005
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
N.C.
TAP1
N.C.
TAP2
N.C.
N.C.
IN
MXD1005
TAP3
N.C.
TAP5
GND
TAP4
N.C.
DIP
_________________Pin Configurations
_____Part Number and Delay Times
19-1309; Rev 0; 10/97
PART
MXD1005C/D__
MXD1005PA__
MXD1005PD__
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
8 Plastic DIP
14 Plastic DIP
______________Ordering Information
*
Dice are tested at TA = +25°C.
Note: To complete the ordering information, fill in the blank with
the part number extension from the Part Number and Delay
Times table to indicate the desired delay per output.
MXD1005SA__
MXD1005SE__
MXD1005UA__
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
8 SO
16 Narrow SO
8 µMAX
Pin Configurations continued at end of data sheet.
60
12
PART NUMBER
EXTENSION
(MXD1005_ _ __)
75
15
125
100
20
25
175
150
30
35
250
200
40
50
24
30
40
50
60
70
80
100
36
45
60
75
90
105
120
150
48
60
80
100
120
140
160
200
DELAY (tPHL, tPLH) PER OUTPUT (ns)
60
75
100
125
150
175
200
250
Note: Contact factory for characterization data.
Functional Diagram appears at end of data sheet.
TAP1
TAP2
TAP3
TAP4
TAP5


Similar Part No. - MXD1005C/D__

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000C/D__ MAXIM-MXD1000C/D__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PA__ MAXIM-MXD1000PA__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PD__ MAXIM-MXD1000PD__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000SA__ MAXIM-MXD1000SA__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
More results

Similar Description - MXD1005C/D__

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
5-Tap Silicon Delay Line
DS1004 DALLAS-DS1004 Datasheet
54Kb / 6P
5-Tap High Speed Silicon Delay Line
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
10-Tap Silicon Delay Line
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
5-TAP DIP DELAY LINE
logo
Data Delay Devices, Inc...
1518-5-10T1 DATADELAY-1518-5-10T1 Datasheet
27Kb / 2P
5-TAP SMD DELAY LINE
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
DS1004 MAXIM-DS1004 Datasheet
59Kb / 6P
5-Tap High Speed Silicon Delay Line
092500
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
10-Tap Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com