Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXD1005C/D__ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MXD1005C/D__
Description  5-Tap Silicon Delay Line
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1005C/D__ Datasheet(HTML) 6 Page - Maxim Integrated Products

  MXD1005C/D__ Datasheet HTML 1Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 2Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 3Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 4Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 5Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 6Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 7Page - Maxim Integrated Products MXD1005C/D__ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5-Tap Silicon Delay Line
6
_______________________________________________________________________________________
_________________________________________________________Functional Diagram
___________________Chip Information
TRANSISTOR COUNT: 824
MXD1005
TAP1
TAP2
TAP3
TAP4
TAP5
IN
20%
20%
20%
20%
20%
____Pin Configurations (continued)
TOP VIEW
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN
VCC
N.C.
N.C.
TAP1
N.C.
TAP3
N.C.
TAP5
MXD1005
SO
N.C.
N.C.
TAP4
TAP2
N.C.
N.C.
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com