Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP92001SQE/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92001SQE/NOPB
Description  LMP92001 Analog System Monitor and Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92001SQE/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMP92001SQE/NOPB Datasheet HTML 21Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 22Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 23Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 24Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 25Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 26Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 27Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 28Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
VOUTx = VREF x
DACx
4096
R
R
R
R
R
DECODER
w
(R) = 120k
VDD
Buffer
1
0
VREF
PD
VOUTx
DACx
12
LMP92001
www.ti.com
SNAS507B – FEBRUARY 2011 – REVISED APRIL 2012
Figure 18. DAC Core
Typical DAC core output VOUTx as a function of the DACx input , x=1...12, can be expressed as:
Reference
By default the DACs operate from the external reference voltage applied at the DREF pin of the device. Given
the architecture of the DAC the DC current flowing into the DREF device input pin is dependent on the number of
DACs active at the given instant.
The user can enable the internal reference generator and apply its output to all DACs’ VREF inputs. This
operation is described in ADC/DAC VOLTAGE REFERENCE.
Asynchronous Output Control
When DACs are enabled, CDAC.OFF=0, the Cy device inputs allow the user to instantaneously disengage the
VOUTx of corresponding DAC Core and force the OUTx to either rail – the rail is indicated by the CDAC.OLVL
bit. Asserting either CDAC.OFF or Cy (Active LOW) will result in the corresponding DAC Core powering down.
The functional diagram of the DAC Core to OUTx signal routing is shown in Figure 19.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMP92001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com