Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP92001SQE/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92001SQE/NOPB
Description  LMP92001 Analog System Monitor and Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92001SQE/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP92001SQE/NOPB Datasheet HTML 17Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 18Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 19Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 20Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 21Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 22Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 23Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 24Page - Texas Instruments LMP92001SQE/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
LMP92001
www.ti.com
SNAS507B – FEBRUARY 2011 – REVISED APRIL 2012
In the expression above VREF is the reference voltage input to the internal ADC. VREF can be either externally
applied at the AREF pin of the device, or be internally generated.
Sampling Transient
An instantaneous current will flow at the beginning of TRACK period which may lead to temporary disturbance of
the input potential. This current, and resulting disturbance, will vary with the magnitude of the sampled signal and
source impedance ROUT.
Channel Selection
The analog input channels are enabled by setting corresponding enable bits ENx in the control registers CAD1,
CAD2, and CAD3. Enabling of the channels does not begin the conversion process.
Single-Shot and Continuous Sequencing
The ADC is in the idle state until either the Single-Shot or Continuous conversion is initiated. The channels
whose corresponding ENx bit in the CAD(1|2|3) registers is set will be sampled and converted by the ADC.
Single-Shot conversion begins when the user performs a write operation ( 0 or 1 ) to CTRIG.SNGL while
CGEN.STRT=0. Once the sequence is completed the ADC returns to the idle state.
Continuous conversion begins when the user sets the CGEN.STRT bit. The sequencing of events is the same as
in the Single Mode. Upon completing the sequence of conversions another sequence is automatically started.
This process will continue until the user clears the CGEN.STRT bit.
The operation of the Analog Sense Subsystem is further illustrated in Figure 15.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP92001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com