Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2735XMFX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMFX/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMFX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2735XMFX/NOPB Datasheet HTML 1Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 2Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 3Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 4Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
4
2
5
3
1
C1
C2
VIN
2.7V-5.5V
L1
D1
R2
R1
C3
GND
12V
R3
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2735, LM2735-Q1
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
1 Features
3 Description
The LM2735 device is an easy-to-use, space-efficient
1
•
Input Voltage Range: 2.7 V to 5.5 V
2.1-A low-side switch regulator, ideal for Boost and
•
Output Voltage Range: 3 V to 24 V
SEPIC DC-DC regulation. The device provides all the
•
2.1-A Switch Current Over Full Temperature
active functions to provide local DC-DC conversion
Range
with fast-transient response and accurate regulation
in the smallest PCB area. Switching frequency is
•
Current-Mode Control
internally set to either 520 kHz or 1.6 MHz, allowing
•
Logic High Enable Pin
the use of extremely small surface mount inductor
•
Ultra-Low Standby Current of 80 nA in Shutdown
and chip capacitors, while providing efficiencies of up
to
90%.
Current-mode
control
and
internal
•
170-m
Ω NMOS Switch
compensation
provide
ease-of-use,
minimal
•
±2% Feedback Voltage Accuracy
component count, and high-performance regulation
•
Ease-of-Use, Small Total Solution Size
over a wide range of operating conditions. External
–
Internal Soft Start
shutdown features an ultra-low standby current of 80
nA, ideal for portable applications. Tiny SOT-23,
–
Internal Compensation
WSON, and MSOP-PowerPAD packages provide
–
Two Switching Frequencies
space savings. Additional features include internal
–
520 kHz (LM2735-Y)
soft start, circuitry to reduce inrush current, pulse-by-
pulse current limit, and thermal shutdown.
–
1.6 MHz (LM2735-X)
–
Uses Small Surface Mount Inductors and Chip
Device Information(1)
Capacitors
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Tiny SOT-23, WSON, and MSOP-PowerPAD
WSON (6)
3.00 mm × 3.00 mm
Packages
LM2735
SOT-23 (5)
1.60 mm × 2.90 mm
•
LM2735-Q1 is AEC-Q100 Grade 1 Qualified and
MSOP-PowerPAD (8)
3.00 mm × 3.00 mm
is Manufactured on an Automotive Grade Flow
WSON (6)
3.00 mm × 3.00 mm
LM2735-Q1
SOT-23 (5)
1.60 mm × 2.90 mm
2 Applications
(1) For all available packages, see the orderable addendum at
•
LCD Display Backlighting For Portable
the end of the data sheet.
Applications
•
OLED Panel Power Supply
•
USB-Powered Devices
•
Digital Still and Video Cameras
•
White LED Current Source
•
Automotive
space
Typical Boost Application Circuit
Efficiency vs Load Current VO = 12 V
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2735XMFX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2735XMFX/NOPB TI1-LM2735XMFX/NOPB Datasheet
1Mb / 58P
LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
More results

Similar Description - LM2735XMFX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2735 NSC-LM2735 Datasheet
760Kb / 38P
520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
logo
Texas Instruments
LM2735 TI1-LM2735 Datasheet
1Mb / 58P
LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
logo
Texas Instruments
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
LM3481 TI-LM3481_15 Datasheet
1Mb / 38P
LM3481 / -Q1 High-Efficiency Controller for Boost, SEPIC and Flyback DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com