Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2735XMFX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMFX/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMFX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2735XMFX/NOPB Datasheet HTML 15Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 16Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 17Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 18Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 19Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 20Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 21Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 22Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
1
2
3
6
5
4
2
R
5
C
1
R
1
D
LM2735
3
C
LOAD
R
4
C
3
R
2
C
1
L
IN
V
1
C
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
8.2.3 LM2735X WSON Design Example 3
Figure 24. LM2735X (1.6 MHz): VIN = 3.3 V, VOUT = 12 V at 350 mA
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
U1
2.1-A Boost Regulator
TI
LM2735XSD
C1 Input Capacitor
22 µF, 6.3 V, X5R
TDK
C2012X5R0J226M
C2 Input Capacitor
No Load
C3 Output Capacitor
10 µF, 25 V, X5R
TDK
C3216X5R1E106M
C4 Output Capacitor
No Load
C5 Comp Capacitor
330 pF
TDK
C1608X5R1H331K
D1, Catch Diode
0.4 Vf Schottky 1 A, 20 VR
ST
STPS120M
L1
6.8 µH 2 A
Coilcraft
DO1813H-682ML
R1
10.2 k
Ω, 1%
Vishay
CRCW06031022F
R2
86.6 k
Ω, 1%
Vishay
CRCW06038662F
R3
100 k
Ω, 1%
Vishay
CRCW06031003F
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com